Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDZ1905PZ Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDZ1905PZ
Description  Common Drain P-Channel 1.5V PowerTrench짰 WL-CSP MOSFET -20V -3A, 123m廓
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDZ1905PZ Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDZ1905PZ Datasheet HTML 1Page - Fairchild Semiconductor FDZ1905PZ Datasheet HTML 2Page - Fairchild Semiconductor FDZ1905PZ Datasheet HTML 3Page - Fairchild Semiconductor FDZ1905PZ Datasheet HTML 4Page - Fairchild Semiconductor FDZ1905PZ Datasheet HTML 5Page - Fairchild Semiconductor FDZ1905PZ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
tm
July 2008
©2008 Fairchild Semiconductor Corporation
FDZ1905PZ Rev.B
www.fairchildsemi.com
1
FDZ1905PZ
Common Drain P-Channel 1.5V PowerTrench® WL-CSP MOSFET
–20V, –3A, 123m
Features
Max rS1S2(on) = 126mΩ at VGS = –4.5V, IS1S2 = –1A
Max rS1S2(on) = 141mΩ at VGS = –2.5V, IS1S2 = –1A
Max rS1S2(on) = 198mΩ at VGS = –1.8V, IS1S2 = –1A
Max rS1S2(on) = 303mΩ at VGS = –1.5V, IS1S2 = –1A
Occupies only 1.5 mm2 of PCB area, less than 50% of the
area of 2 x 2 BGA
Ultra-thin package: less than 0.65 mm height when mounted
to PCB
High power and current handling capability
HBM ESD protection level > 4kV (Note 3)
RoHS Compliant
General Description
This device is designed specifically as a single package solution
for the battery charge switch in cellular handset and other
ultra-portable applications. It features two common drain
P-channel MOSFETs, which enables bidirectional current flow,
on Fairchild’s advanced 1.5V PowerTrench® process with state
of the art “low pitch” WL-CSP packaging process, the
FDZ1905PZ minimizes both PCB space and rS1S2(on). This
advanced WL-CSP MOSFET embodies a breakthrough in
packaging technology which enables the device to combine
excellent thermal transfer characteristics, ultra-low profile
packaging, low gate charge, and low rS1S2(on) .
Applications
Battery management
Load switch
Battery protection
MOSFET Maximum Ratings T
A = 25°C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VS1S2
Source1 to Source2 Voltage
–20
V
VGS
Gate to Source Voltage
±8
V
IS1S2
Source1 to Source2 Current
-Continuous
TA = 25°C
(Note 1a)
–3
A
-Pulsed
–15
PD
Power Dissipation (Steady State)
TA = 25°C
(Note 1a)
1.5
W
Power Dissipation
TA = 25°C
(Note 1b)
0.9
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
RθJA
Thermal Resistance, Junction to Ambient
(Note 1a)
83
°C/W
RθJA
Thermal Resistance, Junction to Ambient
(Note 1b)
140
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
5
FDZ1905PZ
WL-CSP 1.0X1.5
7’’
8mm
5000 units
S1
G1
G2
S2
BOTTOM
TOP
G1
S2
S2
S1
S1
G2
PIN1


Similar Part No. - FDZ1905PZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDZ191P FAIRCHILD-FDZ191P Datasheet
304Kb / 7P
   P-Channel 1.5V PowerTrench짰 WL-CSP MOSFET
FDZ191P FAIRCHILD-FDZ191P Datasheet
352Kb / 7P
   P-Channel 1.5V PowerTrenchTM WL-CSP MOSFET
FDZ191P_0612 FAIRCHILD-FDZ191P_0612 Datasheet
304Kb / 7P
   P-Channel 1.5V PowerTrench짰 WL-CSP MOSFET
FDZ192NZ FAIRCHILD-FDZ192NZ Datasheet
309Kb / 7P
   N-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET 20 V, 5.3 A, 39 m廓
FDZ193P FAIRCHILD-FDZ193P Datasheet
260Kb / 7P
   P-Channel 1.7V PowerTrench WL-CSP MOSFET -20V, -1A, 90mohm
More results

Similar Description - FDZ1905PZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDZ191P_0612 FAIRCHILD-FDZ191P_0612 Datasheet
304Kb / 7P
   P-Channel 1.5V PowerTrench짰 WL-CSP MOSFET
FDZ191P FAIRCHILD-FDZ191P Datasheet
352Kb / 7P
   P-Channel 1.5V PowerTrenchTM WL-CSP MOSFET
FDZ391P FAIRCHILD-FDZ391P Datasheet
256Kb / 7P
   P-Channel 1.5 V PowerTrench짰 Thin WL-CSP MOSFET
FDZ1323NZ FAIRCHILD-FDZ1323NZ Datasheet
363Kb / 7P
   Common Drain N-Channel 2.5 V PowerTrench WL-CSP MOSFET
FDZ193P FAIRCHILD-FDZ193P Datasheet
260Kb / 7P
   P-Channel 1.7V PowerTrench WL-CSP MOSFET -20V, -1A, 90mohm
FDMC3300NZA FAIRCHILD-FDMC3300NZA_07 Datasheet
244Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench짰 MOSFET 20V, 8A, 26m廓
FDM3300NZ FAIRCHILD-FDM3300NZ_07 Datasheet
237Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench짰 MOSFET 20V, 10A, 23m廓
FDG332PZ FAIRCHILD-FDG332PZ Datasheet
458Kb / 6P
   P-Channel PowerTrench짰 MOSFET -20V, -2.6A, 97m廓
FDC642P FAIRCHILD-FDC642P_09 Datasheet
263Kb / 7P
   P-Channel PowerTrench짰 MOSFET -20V, -4A, 100m廓
FDMA510PZ FAIRCHILD-FDMA510PZ Datasheet
752Kb / 7P
   Single P-Channel PowerTrench짰 MOSFET -20V, -7.8A, 30m廓
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com