Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDPF24N40 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDPF24N40
Description  N-Channel MOSFET 400V, 24A, 0.175廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDPF24N40 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDPF24N40 Datasheet HTML 1Page - Fairchild Semiconductor FDPF24N40 Datasheet HTML 2Page - Fairchild Semiconductor FDPF24N40 Datasheet HTML 3Page - Fairchild Semiconductor FDPF24N40 Datasheet HTML 4Page - Fairchild Semiconductor FDPF24N40 Datasheet HTML 5Page - Fairchild Semiconductor FDPF24N40 Datasheet HTML 6Page - Fairchild Semiconductor FDPF24N40 Datasheet HTML 7Page - Fairchild Semiconductor FDPF24N40 Datasheet HTML 8Page - Fairchild Semiconductor FDPF24N40 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
FDP24N40 / FDPF24N40 Rev. A
www.fairchildsemi.com
3
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
0.1
1
1
10
8
0.05
50
*Notes:
1. 250μs Pulse Test
2. TC = 25
o
C
VGS = 15.0V
10.0V
8.0 V
7.0 V
6.5 V
6.0 V
5.5 V
VDS,Drain-Source Voltage[V]
0.2
45
67
8
1
10
*Notes:
1. VDS = 20V
2. 250μs Pulse Test
-55
o
C
150
o
C
25
o
C
VGS,Gate-Source Voltage[V]
70
0.2
0
1020304050
0.12
0.14
0.16
0.18
*Note: TJ = 25
o
C
VGS = 20V
VGS = 10V
ID, Drain Current [A]
0.19
0.2
0.6
1.0
1.4
1
10
100
*Notes:
1. V
GS = 0V
2. 250μs Pulse Test
150
o
C
V
SD, Body Diode Forward Voltage [V]
25
o
C
200
0
1020304050
0
2
4
6
8
10
*Note: ID = 24A
VDS = 100V
VDS = 200V
VDS = 320V
Qg, Total Gate Charge [nC]
0.1
1
10
0
1000
2000
3000
4000
5000
Coss
Ciss
Ciss = Cgs + Cgd (Cds = shorted)
Coss = Cds + Cgd
Crss = Cgd
*Note:
1. VGS = 0V
2. f = 1MHz
Crss
VDS, Drain-Source Voltage [V]
30


Similar Part No. - FDPF24N40

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDPF24N40 ISC-FDPF24N40 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDPF24N40

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP24N40 FAIRCHILD-FDP24N40_12 Datasheet
281Kb / 8P
   N-Channel MOSFET 400V, 24A, 0.175廓
FDA28N50F FAIRCHILD-FDA28N50F_12 Datasheet
399Kb / 8P
   N-Channel MOSFET 500V, 28A, 0.175廓
FDA28N50F FAIRCHILD-FDA28N50F Datasheet
541Kb / 8P
   N-Channel MOSFET 500V, 28A, 0.175廓
FDA24N50 FAIRCHILD-FDA24N50 Datasheet
683Kb / 8P
   N-Channel MOSFET 500V, 24A, 0.19廓
FDA24N50F FAIRCHILD-FDA24N50F Datasheet
676Kb / 8P
   N-Channel MOSFET 500V, 24A, 0.2廓
FDA24N50F FAIRCHILD-FDA24N50F_12 Datasheet
398Kb / 8P
   N-Channel MOSFET 500V, 24A, 0.2廓
FDP19N40 FAIRCHILD-FDP19N40 Datasheet
264Kb / 9P
   N-Channel MOSFET 400V, 19A, 0.24廓
FDP19N40 FAIRCHILD-FDP19N40_12 Datasheet
232Kb / 8P
   N-Channel MOSFET 400V, 19A, 0.24廓
FDP15N40 FAIRCHILD-FDP15N40 Datasheet
256Kb / 9P
   N-Channel MOSFET 400V, 15A, 0.3廓
FDP26N40 FAIRCHILD-FDP26N40 Datasheet
552Kb / 9P
   N-Channel MOSFET 400V, 26A, 0.16廓
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com