Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS6690AS Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDS6690AS
Description  30V N-Channel PowerTrench짰 SyncFET?
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6690AS Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDS6690AS_08 Datasheet HTML 1Page - Fairchild Semiconductor FDS6690AS_08 Datasheet HTML 2Page - Fairchild Semiconductor FDS6690AS_08 Datasheet HTML 3Page - Fairchild Semiconductor FDS6690AS_08 Datasheet HTML 4Page - Fairchild Semiconductor FDS6690AS_08 Datasheet HTML 5Page - Fairchild Semiconductor FDS6690AS_08 Datasheet HTML 6Page - Fairchild Semiconductor FDS6690AS_08 Datasheet HTML 7Page - Fairchild Semiconductor FDS6690AS_08 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FDS6690AS Rev A2 (X)
Typical Characteristics
0
10
20
30
40
50
0
0.5
1
1.5
2
VDS, DRAIN-SOURCE VOLTAGE (V)
4.0V
4.5V
3.0V
2.5V
VGS = 10V
6.0V
0.6
1
1.4
1.8
2.2
0
1020
3040
50
ID, DRAIN CURRENT (A)
VGS = 4.0V
6.0V
4.0V
10V
5.0V
4.5V
3.5V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.7
0.85
1
1.15
1.3
1.45
1.6
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
oC)
ID = 10A
VGS = 10V
0
0.01
0.02
0.03
0.04
0.05
0.06
2468
10
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 5A
TA = 125
oC
TA = 25
oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
10
20
30
40
50
11.52
2.533.54
VGS, GATE TO SOURCE VOLTAGE (V)
TA = 125
oC
25
oC
-55
oC
VDS = 5V
0.001
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
VSD, BODY DIODE FORWARD VOLTAGE (V)
TA = 125
oC
25
oC
-55
oC
VGS = 0V
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


Similar Part No. - FDS6690AS_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6690AS_NL FAIRCHILD-FDS6690AS_NL Datasheet
143Kb / 8P
   30V N-Channel PowerTrench SyncFET
More results

Similar Description - FDS6690AS_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6299S FAIRCHILD-FDS6299S_07 Datasheet
603Kb / 6P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6670AS FAIRCHILD-FDS6670AS_08 Datasheet
748Kb / 7P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6688AS FAIRCHILD-FDS6688AS Datasheet
789Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6676AS FAIRCHILD-FDS6676AS_08 Datasheet
846Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDP6670AS FAIRCHILD-FDP6670AS_08 Datasheet
789Kb / 7P
   30V N-Channel PowerTrench짰 SyncFET?
FDD6680AS FAIRCHILD-FDD6680AS_08 Datasheet
332Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6676AS_0511 FAIRCHILD-FDS6676AS_0511 Datasheet
1Mb / 8P
   30V N-Channel PowerTrench짰 SyncFET
FDS8672S FAIRCHILD-FDS8672S Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 SyncFET??30V, 18A, 4.8m廓
FDMS8672AS FAIRCHILD-FDMS8672AS Datasheet
243Kb / 8P
   N-Channel PowerTrench짰 SyncFET 30V, 28A, 5.0m廓
FDMS8660AS FAIRCHILD-FDMS8660AS Datasheet
235Kb / 8P
   N-Channel PowerTrench짰 SyncFET 30V, 49A, 2.1m廓
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com