Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS8876 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FDS8876
Description  N-Channel PowerTrench짰 MOSFET 30V, 12.5A, 8.2m廓
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8876 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FDS8876_07 Datasheet HTML 4Page - Fairchild Semiconductor FDS8876_07 Datasheet HTML 5Page - Fairchild Semiconductor FDS8876_07 Datasheet HTML 6Page - Fairchild Semiconductor FDS8876_07 Datasheet HTML 7Page - Fairchild Semiconductor FDS8876_07 Datasheet HTML 8Page - Fairchild Semiconductor FDS8876_07 Datasheet HTML 9Page - Fairchild Semiconductor FDS8876_07 Datasheet HTML 10Page - Fairchild Semiconductor FDS8876_07 Datasheet HTML 11Page - Fairchild Semiconductor FDS8876_07 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
©2007 Fairchild Semiconductor Corporation
FDS8876 Rev. B
www.fairchildsemi.com
11
SPICE Thermal Model
REV January 2005
FDS8876
Copper Area =1.0 in2
CTHERM1 TH 8 2.0e-3
CTHERM2 8 7 5.0e-3
CTHERM3 7 6 1.0e-2
CTHERM4 6 5 4.0e-2
CTHERM5 5 4 9.0e-2
CTHERM6 4 3 2e-1
CTHERM7 3 2 1
CTHERM8 2 TL 3
RTHERM1 TH 8 1e-1
RTHERM2 8 7 5e-1
RTHERM3 7 6 1
RTHERM4 6 5 5
RTHERM5 5 4 8
RTHERM6 4 3 12
RTHERM7 3 2 18
RTHERM8 2 TL 25
SABER Thermal Model
SABER thermal model FDS8876
Copper Area = 1.0 in2
template thermal_model th tl
thermal_c th, tl
{
ctherm.ctherm1 th 8 =2.0e-3
ctherm.ctherm2 8 7 =5.0e-3
ctherm.ctherm3 7 6 =1.0e-2
ctherm.ctherm4 6 5 =4.0e-2
ctherm.ctherm5 5 4 =9.0e-2
ctherm.ctherm6 4 3 =2e-1
ctherm.ctherm7 3 2 1
ctherm.ctherm8 2 tl 3
rtherm.rtherm1 th 8 =1e-1
rtherm.rtherm2 8 7 =5e-1
rtherm.rtherm3 7 6 =1
rtherm.rtherm4 6 5 =5
rtherm.rtherm5 5 4 =8
rtherm.rtherm6 4 3 =12
rtherm.rtherm7 3 2 =18
rtherm.rtherm8 2 tl =25
}
TABLE 1. THERMAL MODELS
COMPONANT
0.04 in2
0.28 in2
0.52 in2
0.76 in2
1.0 in2
CTHERM6
1.2e-1
1.5e-1
2.0e-1
2.0e-1
2.0e-1
CTHERM7
0.5
1.0
1.0
1.0
1.0
CTHERM8
1.3
2.8
3.0
3.0
3.0
RTHERM6
26
20
15
13
12
RTHERM7
39
24
21
19
18
RTHERM8
55
38.7
31.3
29.7
25
RTHERM6
RTHERM8
RTHERM7
RTHERM5
RTHERM4
RTHERM3
CTHERM4
CTHERM6
CTHERM5
CTHERM3
CTHERM2
CTHERM1
tl
2
3
4
5
6
7
JUNCTION
CASE
8
th
RTHERM2
RTHERM1
CTHERM7
CTHERM8


Similar Part No. - FDS8876_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8876_NL FAIRCHILD-FDS8876_NL Datasheet
262Kb / 12P
   N-Channel PowerTrench MOSFET
More results

Similar Description - FDS8876_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB8160 FAIRCHILD-FDB8160 Datasheet
329Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 80A, 1.8m廓
FDD8896 FAIRCHILD-FDD8896_12 Datasheet
1Mb / 11P
   N-Channel PowerTrench짰 MOSFET 30V, 94A, 5.7m廓
FDD8880 FAIRCHILD-FDD8880_08 Datasheet
503Kb / 11P
   N-Channel PowerTrench짰 MOSFET 30V, 58A, 9m廓
logo
ON Semiconductor
FDS8984-F085 ONSEMI-FDS8984-F085 Datasheet
485Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 7A, 23m廓
September-2017, Rev. 1
logo
Fairchild Semiconductor
FDMS8662 FAIRCHILD-FDMS8662 Datasheet
210Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 49A, 2.0m廓
FDD8870_F085 FAIRCHILD-FDD8870_F085_13 Datasheet
319Kb / 11P
   N-Channel PowerTrench짰 MOSFET 30V, 160A, 3.9m廓
FDP8896 FAIRCHILD-FDP8896_08 Datasheet
474Kb / 10P
   N-Channel PowerTrench짰 MOSFET 30V, 92A, 5.9m廓
FDB8132 FAIRCHILD-FDB8132 Datasheet
338Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 80A, 1.6m廓
FDB8870 FAIRCHILD-FDB8870_10 Datasheet
223Kb / 11P
   N-Channel PowerTrench짰 MOSFET 30V, 160A, 3.9m廓
FDMS8680 FAIRCHILD-FDMS8680 Datasheet
215Kb / 6P
   N-Channel PowerTrench짰 MOSFET 30V, 35A, 7.0m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com