Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MC-75F672C Datasheet(PDF) 81 Page - Lattice Semiconductor

Part # LC5512MC-75F672C
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MC-75F672C Datasheet(HTML) 81 Page - Lattice Semiconductor

Back Button LC5512MC-75F672C Datasheet HTML 77Page - Lattice Semiconductor LC5512MC-75F672C Datasheet HTML 78Page - Lattice Semiconductor LC5512MC-75F672C Datasheet HTML 79Page - Lattice Semiconductor LC5512MC-75F672C Datasheet HTML 80Page - Lattice Semiconductor LC5512MC-75F672C Datasheet HTML 81Page - Lattice Semiconductor LC5512MC-75F672C Datasheet HTML 82Page - Lattice Semiconductor LC5512MC-75F672C Datasheet HTML 83Page - Lattice Semiconductor LC5512MC-75F672C Datasheet HTML 84Page - Lattice Semiconductor LC5512MC-75F672C Datasheet HTML 85Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
81
2
63P
K8
L20
-
K9
AA19
AA18
-
-
VCCO2
-
-
-
VCCO2
VCCO2
2
63N
K10
L21
-
K11
U17
Y18
-
-
GND (Bank 2)
-
-
-
GND (Bank 2) GND (Bank 2)
2
64P
K12
L22
-
K13
V18
AD25
2
64N
K14
L23
-
K15
AB21
AD26
2
65P
K16
L24
-
K17
U18
AC23
2
65N
K18
L25
-
K19
T17
AC24
2
66P
K20
L26
-
K21
AB20
AC25
2
66N
K22
L27
-
K23
AA20
AC26
2
67P
K24
L28
-
K25
Y19
AB22
-
-
VCCO2
-
-
-
VCCO2
VCCO2
2
67N
K26
L29
-
K27
V19
AB23
-
-
GND (Bank 2)
-
-
-
GND (Bank 2) GND (Bank 2)
2
68P
K28
J16
L16
K29
T18
AB24
2
68N
K30
J17
L17
K31
R17
AB25
2
69P
L0
J18
L18
L1
U19
AB26
2
69N
L2
J19
L19
L3
T19
AA26
2
70P
L4
L30
I24
L5
V20
AA22
-
-
VCC
-
-
-
VCC
VCC
2
70N
L6
L31
I26
L7
U20
Y21
2
71P
L8
J20
L20
L9
W20
AA23
2
71N
L10
J21
L21
L11
Y21
AA24
2
72P
L12
J22
L22
L13
R18
AA25
2
72N
L14
J23
L23
L15
R19
Y26
-
-
GND
-
-
-
GND
GND
2
73P
L16
J24
L24
L17
W21
Y22
-
-
VCCO2
-
-
-
VCCO2
VCCO2
2
73N
L18
J25
L25
L19
Y22
Y23
-
-
GND (Bank 2)
-
-
-
GND (Bank 2) GND (Bank 2)
2
74P
L20
J26
L26
L21
R20
W20
2
74N
L22
J27
L27
L23
P20
V20
2
75P
L24
J28
L28
L25
T21
W21
2
75N
L26
J29
L29
L27
R21
V21
2
76P
L28
J30
L30
L29
U21
Y24
2
76N
L30
J31
L31
L31
V21
Y25
2
77P
N0
P0
N0
N1
W22
2
77N
N2
P1
N1
N3
W23
2
78P
N4
P2
N2
N5
W24
-
-
VCC
-
-
-
VCC
VCC
2
78N
N6
P3
N3
N7
W25
-
-
GND
-
-
-
GND
GND
2
79P
N8
P4
N4
N9
W26
ispXPLD 51024MX Logic Signal Connections (Continued)
sysIO
Bank
LVDS Pair
Primary
Macrocell/Function
Alternate Outputs
Alternate
Input
484 fpBGA
Ball Number
672 fpBGA
Ball Number
Macrocell 1
Macrocell 2


Similar Part No. - LC5512MC-75F672C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-75F256C LATTICE-LC5512MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F484C LATTICE-LC5512MC-75F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MC-75F672C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com