Electronic Components Datasheet Search |
|
LC5512MC-75F672C Datasheet(PDF) 12 Page - Lattice Semiconductor |
|
LC5512MC-75F672C Datasheet(HTML) 12 Page - Lattice Semiconductor |
12 / 92 page Lattice Semiconductor ispXPLD 5000MX Family Data Sheet 12 Single-Port SRAM Mode In Single-Port SRAM Mode the multi-function array is configured as a single-port SRAM. In this mode one ports accesses 16,384-bits of memory. Data widths of 1, 2, 4, 8, 16 and 32 are supported by the MFB. Figure 11 shows the block diagram of the single-port SRAM. Write data, address, chip select and read/write signals are always synchronous (registered.) The output data sig- nals can be synchronous or asynchronous. Reset is asynchronous. All signals share a common clock, clock enable, and reset. Table 7 shows the possible sources for the clock, clock enable and reset signals. Figure 11. Single-Port SRAM Block Diagram Table 7. Register Clock, Clock Enable, and Reset in Single-Port SRAM Mode Register Input Source Address, Write Data, Read Data, Read/ Write, and Chip Select Clock CLK or one of the global clocks (CLK0 - CLK3). Each of these signals can be inverted if required. Clock Enable CEN or one of the global clocks (CLK1 - CLK 2). Each of these signals can be inverted if required. Reset Created by the logical OR of the global reset signal and RST. RST is routed by the multifunction array from GRP, with inversion if desired. ‘ ‘ 68 Inputs from Routing RESET CLK0 CLK3 CLK1 CLK2 16,384-Bit SRAM Array Clock (CLK) Read/Write Address (AD[0-8:13]) Write/Read (WR) Chip Select (CS0,1) Reset (RST) Clk Enable (CEN) Write Data (DI[0-0,1,3,7,15,31]) Read Data (DO[0-0,31]) |
Similar Part No. - LC5512MC-75F672C |
|
Similar Description - LC5512MC-75F672C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |