Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSQ0565R Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FSQ0565R
Description  Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSQ0565R Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FSQ0565R_08 Datasheet HTML 3Page - Fairchild Semiconductor FSQ0565R_08 Datasheet HTML 4Page - Fairchild Semiconductor FSQ0565R_08 Datasheet HTML 5Page - Fairchild Semiconductor FSQ0565R_08 Datasheet HTML 6Page - Fairchild Semiconductor FSQ0565R_08 Datasheet HTML 7Page - Fairchild Semiconductor FSQ0565R_08 Datasheet HTML 8Page - Fairchild Semiconductor FSQ0565R_08 Datasheet HTML 9Page - Fairchild Semiconductor FSQ0565R_08 Datasheet HTML 10Page - Fairchild Semiconductor FSQ0565R_08 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ0565R, FSQ0765R Rev. 1.0.1
7
Electrical Characteristics (Continued)
TA = 25°C unless otherwise specified.
Notes:
10. Propagation delay in the control IC.
11. Guaranteed by design, but not tested in production.
12. Includes gate turn-on time.
Symbol
Parameter
Condition
Min. Typ. Max. Unit
PROTECTION SECTION
ILIMIT
Peak Current
Limit
FSQ0565R
TJ = 25°C, di/dt = 370mA/µs
2.64
3.00
3.36
A
FSQ0765R
TJ = 25°C, di/dt = 460mA/µs
3.08
3.50
3.92
VSD
Shutdown Feedback Voltage
VCC = 15V
5.5
6.0
6.5
V
IDELAY
Shutdown Delay Current
VFB = 5V
4
5
6
µA
tLEB
Leading-Edge Blanking Time(11)
250
ns
tOSP
Output Short
Protection(9)
Threshold Time
TJ = 25°C
OSP triggered when tON<tOSP ,
VFB>VOSP & lasts longer than
tOSP_FB
1.2
1.4
µs
VOSP
Threshold Feedback
Voltage
1.8
2.0
V
tOSP_FB
Feedback Blanking Time
2
2.5
3.0
µs
TSD
Thermal
Shutdown(9)
Shutdown Temperature
125
140
155
°C
Hys
Hysteresis
60
SYNC SECTION
VSH1
Sync Threshold Voltage 1
VCC = 15V, VFB = 2V
1.0
1.2
1.4
V
VSL1
0.8
1.0
1.2
tsync
Sync Delay Time(11)(12)
230
ns
VSH2
Sync Threshold Voltage 2
VCC = 15V, VFB = 2V
4.3
4.7
5.1
V
VSL2
4.0
4.4
4.8
VCLAMP
Low Clamp Voltage
ISYNC_MAX = 800µA
ISYNC_MIN = 50µA
0.0
0.4
0.8
V
VOVP
Over-Voltage
Protection
Threshold Voltage
VCC = 15V, VFB = 2V
7.489.6
V
tOVP
Blanking Time(11)
1.0
1.7
2.4
µs
TOTAL DEVICE SECTION
IOP
Operating Supply Current
(Control Part Only)
VCC = 13V
1
3
5
mA
ISTART
Start Current
VCC = 10V
(before VCC reaches VSTART)
350
450
550
µA
ICH
Start-up Charging Current
VCC = 0V, VSTR = mininmum
50V
0.65
0.85
1.00
mA
VSTR
Minimum VSTR Supply Voltage
26
V


Similar Part No. - FSQ0565R_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ0565RQ FAIRCHILD-FSQ0565RQ Datasheet
2Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
logo
ON Semiconductor
FSQ0565RQ ONSEMI-FSQ0565RQ Datasheet
2Mb / 24P
   Green-Mode Power Switch for Quasi-Resonant Operation - Low EMI and High Efficiency
October-2017, Rev. 3
logo
Fairchild Semiconductor
FSQ0565RQLDTU FAIRCHILD-FSQ0565RQLDTU Datasheet
2Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0565RQLDTU FAIRCHILD-FSQ0565RQLDTU Datasheet
2Mb / 23P
   Green-Mode Fairchild Power Switch
logo
ON Semiconductor
FSQ0565RQLDTU ONSEMI-FSQ0565RQLDTU Datasheet
2Mb / 24P
   Green-Mode Power Switch for Quasi-Resonant Operation - Low EMI and High Efficiency
October-2017, Rev. 3
More results

Similar Description - FSQ0565R_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ0465RU FAIRCHILD-FSQ0465RU Datasheet
3Mb / 22P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0565R FAIRCHILD-FSQ0565R Datasheet
3Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0365RN FAIRCHILD-FSQ0365RN Datasheet
1Mb / 19P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0465RB FAIRCHILD-FSQ0465RB Datasheet
3Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0765RS FAIRCHILD-FSQ0765RS Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0565RQ FAIRCHILD-FSQ0565RQ Datasheet
2Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0465RS FAIRCHILD-FSQ0465RS Datasheet
3Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ510 FAIRCHILD-FSQ510 Datasheet
707Kb / 15P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Converter - Low EMI and High Efficiency
logo
ON Semiconductor
FSQ0565RS ONSEMI-FSQ0565RS Datasheet
2Mb / 24P
   Green-Mode Power Switch for Quasi-Resonant Operation - Low EMI and High Efficiency
October-2017, Rev. 3
logo
Fairchild Semiconductor
FSCQ0765RT FAIRCHILD-FSCQ0765RT Datasheet
726Kb / 24P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Switching Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com