Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL2631 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # HCPL2631
Description  High Speed 10MBit/s Logic Gate Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL2631 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button HCPL2631 Datasheet HTML 3Page - Fairchild Semiconductor HCPL2631 Datasheet HTML 4Page - Fairchild Semiconductor HCPL2631 Datasheet HTML 5Page - Fairchild Semiconductor HCPL2631 Datasheet HTML 6Page - Fairchild Semiconductor HCPL2631 Datasheet HTML 7Page - Fairchild Semiconductor HCPL2631 Datasheet HTML 8Page - Fairchild Semiconductor HCPL2631 Datasheet HTML 9Page - Fairchild Semiconductor HCPL2631 Datasheet HTML 10Page - Fairchild Semiconductor HCPL2631 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N137, HCPL2601, HCPL2611, HCPL2630, HCPL2631 Rev. 1.0.7
7
Test Circuits
47
PHL
t
F
I = 7.5 mA
1.5 V
90%
10%
7.5 mA
+5V
1.5 V
3.0 V
1.5 V
3
2
1
4
8
7
6
5
4
5
Pulse
1
2
3
Generator
tr = 5ns
Z = 50
O
8
7
6
+5V
GND
PLH
t
I = 3.75 mA
F
Output
O
(V )
Input
(I )
F
Output
(V )
O
f
t
r
t
CC
V
Output
(V )
O
L
R
C
L
(I )
Input
F
Monitor
O
Z = 50
Pulse
Generator
tr = 5ns
(V )
E
Input
Monitor
GND
V
CC
O
(V )
Output
L
R
L
C
(V )
Output
O
Input
(V )
E
EHL
tt
ELH
bypass
.1
µf
bypass
.1
µf
Fig. 12 Test Circuit and Waveforms for tPLH, tPHL, tr and tf
Fig. 13 Test Circuit tEHL and tELH


Similar Part No. - HCPL2631

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HCPL2631 QT-HCPL2631 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL2631 HP-HCPL2631 Datasheet
256Kb / 20P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL2631 HP-HCPL2631 Datasheet
246Kb / 15P
   High CMR Line Receiver Optocouplers
HCPL2631 HP-HCPL2631 Datasheet
252Kb / 16P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
logo
Fairchild Semiconductor
HCPL2631M FAIRCHILD-HCPL2631M Datasheet
457Kb / 13P
   High Speed 10MBit/s Logic Gate Optocouplers
More results

Similar Description - HCPL2631

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N137M FAIRCHILD-6N137M Datasheet
457Kb / 13P
   High Speed 10MBit/s Logic Gate Optocouplers
logo
Guangdong Youtai Semico...
6N137 UMW-6N137 Datasheet
919Kb / 10P
   Logic Gate Optocouplers High Speed 10MBit/s
logo
CT Micro International ...
6N137 CTMICRO-6N137 Datasheet
1Mb / 16P
   10MBit/s High Speed Logic Gate Optocoupler
CT2601 CTMICRO-CT2601 Datasheet
1Mb / 16P
   10MBit/s High Speed Logic Gate Optocoupler
logo
Everlight Electronics C...
EL06XX EVERLIGHT-EL06XX Datasheet
436Kb / 14P
   8 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE
EL26XX EVERLIGHT-EL26XX Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
6N137 EVERLIGHT-6N137 Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
logo
CT Micro International ...
CTS600 CTMICRO-CTS600 Datasheet
1Mb / 13P
   SDIP-6 10Mbit/s High Speed Logic Gate Optocoupler
logo
List of Unclassifed Man...
MCL2630 ETC-MCL2630 Datasheet
252Kb / 4P
   DUAL 10MBIT/S LOGIC GATE
logo
Fairchild Semiconductor
HCPL0637R2 FAIRCHILD-HCPL0637R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com