Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4N32SVM Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 4N32SVM
Description  General Purpose 6-Pin Photodarlington Optocoupler
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

4N32SVM Datasheet(HTML) 4 Page - Fairchild Semiconductor

  4N32SVM Datasheet HTML 1Page - Fairchild Semiconductor 4N32SVM Datasheet HTML 2Page - Fairchild Semiconductor 4N32SVM Datasheet HTML 3Page - Fairchild Semiconductor 4N32SVM Datasheet HTML 4Page - Fairchild Semiconductor 4N32SVM Datasheet HTML 5Page - Fairchild Semiconductor 4N32SVM Datasheet HTML 6Page - Fairchild Semiconductor 4N32SVM Datasheet HTML 7Page - Fairchild Semiconductor 4N32SVM Datasheet HTML 8Page - Fairchild Semiconductor 4N32SVM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
©2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
4NXXM, H11B1M, TIL113M Rev. 1.0.0
4
Electrical Characteristics (T
A = 25°C Unless otherwise specified.) (Continued)
Isolation Characteristics
Notes:
* Indicates JEDEC registered data.
1. The current transfer ratio(IC/IF) is the ratio of the detector collector current to the LED input current.
2. Pulse test: pulse width = 300µs, duty cycle
≤ 2.0% .
3. IF adjusted to IC = 2.0mA and IC = 0.7mA rms.
4. The frequency at which IC is 3dB down from the 1kHz value.
5. For this test, LED pins 1 and 2 are common, and phototransistor pins 4, 5 and 6 are common.
Symbol
Characteristic
Test Conditions
Device
Min.
Typ.
Max.
Units
VISO
Input-Output Isolation Voltage(5)
II-O ≤ 1µA, Vrms, t = 1sec.
All
7500
Vac(peak)
VDC
4N32M*
2500
V
VDC
4N33M*
1500
RISO
Isolation Resistance(5)
VI-O = 500VDC
All
1011
CISO
Isolation Capacitance(5)
VI-O = Ø, f = 1MHz
All
0.8
pF


Similar Part No. - 4N32SVM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
4N32SVM FAIRCHILD-4N32SVM Datasheet
222Kb / 13P
   General Purpose 6-Pin Photodarlington Optocoupler
More results

Similar Description - 4N32SVM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
4N30 FAIRCHILD-4N30_07 Datasheet
222Kb / 13P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29SR2M FAIRCHILD-4N29SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29SM FAIRCHILD-4N29SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N30SM FAIRCHILD-4N30SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N33SR2M FAIRCHILD-4N33SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
H11B1VM FAIRCHILD-H11B1VM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
H11B1SR2M FAIRCHILD-H11B1SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
logo
ON Semiconductor
4N29M ONSEMI-4N29M Datasheet
191Kb / 14P
   6-Pin DIP General Purpose Photodarlington Optocoupler
Rev. 1.0.4
logo
Fairchild Semiconductor
4N29M FAIRCHILD-4N29M_09 Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler Portable electronics
logo
List of Unclassifed Man...
H11B1 ETC1-H11B1 Datasheet
473Kb / 12P
   6-PIN PHOTODARLINGTON OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com