Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MC-52FN672C Datasheet(PDF) 84 Page - Lattice Semiconductor

Part # LC5512MC-52FN672C
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MC-52FN672C Datasheet(HTML) 84 Page - Lattice Semiconductor

Back Button LC5512MC-52FN672C Datasheet HTML 80Page - Lattice Semiconductor LC5512MC-52FN672C Datasheet HTML 81Page - Lattice Semiconductor LC5512MC-52FN672C Datasheet HTML 82Page - Lattice Semiconductor LC5512MC-52FN672C Datasheet HTML 83Page - Lattice Semiconductor LC5512MC-52FN672C Datasheet HTML 84Page - Lattice Semiconductor LC5512MC-52FN672C Datasheet HTML 85Page - Lattice Semiconductor LC5512MC-52FN672C Datasheet HTML 86Page - Lattice Semiconductor LC5512MC-52FN672C Datasheet HTML 87Page - Lattice Semiconductor LC5512MC-52FN672C Datasheet HTML 88Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
84
-
-
GND (Bank 3)
-
-
-
GND (Bank 3) GND (Bank 3)
3
110N
U4
X25
V25
U5
H21
J21
-
-
VCCO3
-
-
-
VCCO3
VCCO3
3
110P
U6
X24
V24
U7
G21
H21
-
-
GND
-
-
-
GND
GND
3
111N
U8
X23
V23
U9
D22
G25
3
111P
U10
X22
V22
U11
D21
G24
3
112N
U12
X21
V21
U13
J20
G23
3
112P
U14/CLK_OUT1
X20
V20
U15
J19
G22
3
113N
U16
V31
-
U17
E20
J20
-
-
VCC
-
-
-
VCC
VCC
3
113P
U18
V30
U30
U19
F20
H20
3
114N
U20
V29
U28
U21
H17
G26
3
114P
U22
V28
U26
U23
H18
F25
-
-
GND (Bank 3)
-
-
-
GND (Bank 3) GND (Bank 3)
3
115N
U24
V27
-
U25
J18
F24
-
-
VCCO3
-
-
-
VCCO3
VCCO3
3
115P
U26
V26
-
U27
H19
F23
3
116N
U28
V25
-
U29
G20
G21
3
116P
U30
V24
-
U31
G19
F22
-
-
GND
-
-
-
GND
GND
3
117N
V0
V23
-
V1
C22
F26
-
-
VCC
-
-
-
VCC
VCC
3
117P
V2
V22
-
V3
C21
E26
3
118N
V4
V21
-
V5
D20
E25
3
118P
V6
V20
-
V7
C19
E24
3
119N
V8
V19
-
V9
F19
E23
3
119P
V10
V18
-
V11
E19
E22
-
-
GND (Bank 3)
-
-
-
GND (Bank 3) GND (Bank 3)
3
120N
V12
V17
-
V13
G18
D26
-
-
VCCO3
-
-
-
VCCO3
VCCO3
3
120P
V14
V16
-
V15
F18
D25
3
121N
V16
V15
-
V17
B20
D24
3
121P
V18
V14
-
V19
B19
D23
3
122N
V20
V13
-
V21
A20
C26
3
122P
V22
V12
-
V23
A19
C25
3
123N
V24
X19
V19
V25
D18
G19
3
123P
V26
X18
V18
V27
C18
F19
3
124N
V28
X17
V17
V29
G17
G18
3
124P
V30
X16
V16
V31
F16
F18
3
125N
W0
X31
V31
W1
E17
F20
3
125P
W2
X30
V30
W3
D17
E20
-
-
GND (Bank 3)
-
-
-
GND (Bank 3) GND (Bank 3)
ispXPLD 51024MX Logic Signal Connections (Continued)
sysIO
Bank
LVDS Pair
Primary
Macrocell/Function
Alternate Outputs
Alternate
Input
484 fpBGA
Ball Number
672 fpBGA
Ball Number
Macrocell 1
Macrocell 2


Similar Part No. - LC5512MC-52FN672C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-45F256C LATTICE-LC5512MC-45F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45F484C LATTICE-LC5512MC-45F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45Q208C LATTICE-LC5512MC-45Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F256C LATTICE-LC5512MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F484C LATTICE-LC5512MC-75F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MC-52FN672C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com