Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MC-5Q672C Datasheet(PDF) 75 Page - Lattice Semiconductor

Part # LC5512MC-5Q672C
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MC-5Q672C Datasheet(HTML) 75 Page - Lattice Semiconductor

Back Button LC5512MC-5Q672C Datasheet HTML 71Page - Lattice Semiconductor LC5512MC-5Q672C Datasheet HTML 72Page - Lattice Semiconductor LC5512MC-5Q672C Datasheet HTML 73Page - Lattice Semiconductor LC5512MC-5Q672C Datasheet HTML 74Page - Lattice Semiconductor LC5512MC-5Q672C Datasheet HTML 75Page - Lattice Semiconductor LC5512MC-5Q672C Datasheet HTML 76Page - Lattice Semiconductor LC5512MC-5Q672C Datasheet HTML 77Page - Lattice Semiconductor LC5512MC-5Q672C Datasheet HTML 78Page - Lattice Semiconductor LC5512MC-5Q672C Datasheet HTML 79Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
75
ispXPLD 51024MX Logic Signal Connections
sysIO
Bank
LVDS Pair
Primary
Macrocell/Function
Alternate Outputs
Alternate
Input
484 fpBGA
Ball Number
672 fpBGA
Ball Number
Macrocell 1
Macrocell 2
0
159N
AA22
AA11
AB18
AA23
B4
C2
0
159P
AA20
AA10
AB16
AA21
A4
C1
0
160N
AA18
Y17
AA17
AA19
B3
D4
0
160P
AA16
Y16
AA16
AA17
A3
D3
0
161N
AA14
Y15
AA15
AA15
F5
D2
-
-
VCCO0
-
-
-
VCCO0
VCCO0
0
161P
AA12
Y14
AA14
AA13
G6
D1
-
-
GND (Bank 0)
-
-
-
GND (Bank 0) GND (Bank 0)
0
162N
AA10
Y13
AA13
AA11
H6
E5
0
162P
AA8
Y12
AA12
AA9
G5
E4
0
163N
AA6
AA9
AB14
AA7
D3
E3
0
163P
AA4
AA8
AB12
AA5
D2
E2
0
164N
AA2
AA7
AB10
AA3
E4
E1
-
-
VCC
-
-
-
VCC
VCC
0
164P
AA0
AA6
AB8
AA1
E3
F2
-
-
GND
-
-
-
GND
GND
0
165N
AB30
AA5
AB6
AB31
F4
F5
0
165P
AB28
AA4
AB4
AB29
G4
G6
0
166N
AB26
AA3
AB2
AB27
C2
F4
-
-
VCCO0
-
-
-
VCCO0
VCCO0
0
166P
AB24
AA2
AB0
AB25
C1
F3
-
-
GND (Bank 0)
-
-
-
GND (Bank 0) GND (Bank 0)
0
167N
AB22
AA1
-
AB23
F3
F1
0
167P
AB20
AA0
-
AB21
G3
G1
0
168N
AB18
AA31
-
AB19
H4
G5
-
-
VCC
-
-
VCC
VCC
0
168P
AB16
AA30
-
AB17
J4
G4
0
169N
AB14
Y11
AA11
AB15
H5
H7
0
169P
AB12/CLK_OUT0
Y10
AA10
AB13
J5
J7
0
170N
AB10
Y9
AA9
AB11
E2
G3
0
170P
AB8
Y8
AA8
AB9
F2
G2
-
-
GND
-
-
-
GND
GND
0
171N
AB6
Y7
AA7
AB7
D1
H6
-
-
VCCO0
-
-
-
VCCO0
VCCO0
0
171P
AB4
Y6
AA6
AB5
E1
J6
-
-
GND (Bank 0)
-
-
-
GND (Bank 0) GND (Bank 0)
0
172N
AB2
Y5
AA5
AB3
J3
H5
0
172P
AB0/PLL_RST0
Y4
AA4
AB1
H2
H4
0
173N
AC30
AC31
AE31
AC31
G2
H3
0
173P
AC28/PLL_FBK0
AC30
AE30
AC29
G1
H2
0
174N
AC26
AC29
AE29
AC27
J6
H1
0
174P
AC24
AC28
AE28
AC25
K4
J1


Similar Part No. - LC5512MC-5Q672C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-45F256C LATTICE-LC5512MC-45F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45F484C LATTICE-LC5512MC-45F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45Q208C LATTICE-LC5512MC-45Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F256C LATTICE-LC5512MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F484C LATTICE-LC5512MC-75F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MC-5Q672C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com