Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCT5201M Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # MCT5201M
Description  Low Input Current Phototransistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MCT5201M Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MCT5201M Datasheet HTML 1Page - Fairchild Semiconductor MCT5201M Datasheet HTML 2Page - Fairchild Semiconductor MCT5201M Datasheet HTML 3Page - Fairchild Semiconductor MCT5201M Datasheet HTML 4Page - Fairchild Semiconductor MCT5201M Datasheet HTML 5Page - Fairchild Semiconductor MCT5201M Datasheet HTML 6Page - Fairchild Semiconductor MCT5201M Datasheet HTML 7Page - Fairchild Semiconductor MCT5201M Datasheet HTML 8Page - Fairchild Semiconductor MCT5201M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
©1983 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MCT5201M, MCT5210M, MCT5211M Rev. 1.1.0
3
Electrical Characteristics (T
A = 25°C unless otherwise specified)
Individual Component Characteristics
Isolation Characteristics
*All typical TA = 25°C
Symbol
Parameters
Test Conditions
Device
Min.
Typ.*
Max. Units
EMITTER
VF
Input Forward Voltage
IF = 5mA
All
1.25
1.5
V
∆V
F
∆T
A
Forward Voltage Temp. Coefficient
IF = 2mA
All
-1.75
mV/°C
VR
Reverse Voltage
IR = 10µA
All
6
V
CJ
Junction Capacitance
VF = 0V, f = 1.0MHz
All
18
pF
DETECTOR
BVCEO
Collector-Emitter Breakdown Voltage IC = 1.0mA, IF = 0
All
30
100
V
BVCBO
Collector-Base Breakdown Voltage
IC = 10µA, IF = 0
All
30
120
V
BVEBO
Emitter-Base Breakdown Voltage
IE = 10µA, IF = 0
All
5
10
V
ICER
Collector-Emitter Dark Current
VCE = 10V, IF = 0,
RBE = 1MΩ
All
1
100
nA
CCE
Capacitance, Collector to Emitter
VCE = 0, f = 1MHz
All
10
pF
CCB
Capacitance, Collector to Base
VCB = 0, f = 1MHz
All
80
pF
CEB
Capacitance, Emitter to Base
VEB = 0, f = 1MHz
All
15
pF
Symbol
Characteristic
Test Conditions
Device
Min. Typ.* Max.
Units
VISO
Input-Output Isolation
Voltage(10)
f = 60Hz, t = 1 sec.
All
7500
Vac(peak)
RISO
Isolation Resistance(10)
VI-O = 500 VDC, TA = 25°C
All
1011
CISO
Isolation Capacitance(9)
VI-O = 0, f = 1 MHz
All
0.4
0.6
pF
CMH
Common Mode Transient
VCM = 50 VP-P1, RL= 750Ω,
IF = 0
MCT5210M/11M
5000
V/µs
Rejection – Output HIGH
VCM = 50 VP-P, RL= 1KΩ,
IF = 0
MCT5201M
CML
Common Mode Transient
VCM = 50 VP-P1, RL = 750Ω,
IF =1.6mA
MCT5210M/11M
5000
V/µs
Rejection – Output LOW
VCM = 50 VP-P1, RL= 1KΩ,
IF = 5mA
MCT5201M


Similar Part No. - MCT5201M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MCT5201M FAIRCHILD-MCT5201M Datasheet
290Kb / 12P
   Low Input Current Phototransistor Optocouplers
More results

Similar Description - MCT5201M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MCT5200 FAIRCHILD-MCT5200 Datasheet
169Kb / 11P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTOCOUPLERS
MCT5201M FAIRCHILD-MCT5201M Datasheet
290Kb / 12P
   Low Input Current Phototransistor Optocouplers
logo
QT Optoelectronics
H11AA1 QT-H11AA1 Datasheet
307Kb / 4P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AA1-M FAIRCHILD-H11AA1-M_06 Datasheet
510Kb / 9P
   AC Input/Phototransistor Optocouplers
H11AA1 FAIRCHILD-H11AA1 Datasheet
528Kb / 8P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
H11AA1M FAIRCHILD-H11AA1M Datasheet
511Kb / 9P
   AC Input/Phototransistor Optocouplers
H11AA4M FAIRCHILD-H11AA4M Datasheet
261Kb / 10P
   AC Input/Phototransistor Optocouplers
H11AA1-M FAIRCHILD-H11AA1-M Datasheet
119Kb / 9P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
logo
Diodes Incorporated
MOCD217R2M DIODES-MOCD217R2M Datasheet
2Mb / 10P
   Dual Channel Phototransistor Small Outline Surface Mount Optocouplers (Low Input Current)
logo
Fairchild Semiconductor
MOCD217-M FAIRCHILD-MOCD217-M_05 Datasheet
113Kb / 8P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS (LOW INPUT CURRENT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com