Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1381DSTU Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 2SA1381DSTU
Description  PNP Epitaxial Silicon Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2SA1381DSTU Datasheet(HTML) 4 Page - Fairchild Semiconductor

  2SA1381DSTU Datasheet HTML 1Page - Fairchild Semiconductor 2SA1381DSTU Datasheet HTML 2Page - Fairchild Semiconductor 2SA1381DSTU Datasheet HTML 3Page - Fairchild Semiconductor 2SA1381DSTU Datasheet HTML 4Page - Fairchild Semiconductor 2SA1381DSTU Datasheet HTML 5Page - Fairchild Semiconductor 2SA1381DSTU Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
2SA1381/KSA1381 Rev. A1
4
Typical Characteristics (Continued)
Figure 7. Collector Output Capacitance
Figure 8. Reverse Transfer Capacitance
Figure 9. Safe Operating Area
Figure 10. Power Derating
-0.1
-1
-10
-100
-1000
0.1
1
10
100
IE=0
f=1MHz
VCB[V], COLLECTOR-BASE VOLTAGE
-0.1
-1
-10
-100
-1000
0.1
1
10
100
f=1MHz
VCB[V], COLLECTOR-BASE VOLTAGE
1
10
100
1000
1
10
100
1000
D
C
(T
a =
25 o
C
)
10ms
1ms
IC MAX. (Pulse)
IC MAX.
VCE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0
1
2
3
4
5
6
7
8
T
C
=125
oC
T
c
=25
oC
T[
oC], TEMPERATURE


Similar Part No. - 2SA1381DSTU

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1381 SANYO-2SA1381 Datasheet
137Kb / 4P
   High-Definition CRT Display, Video Output
2SA1381 SANYO-2SA1381 Datasheet
183Kb / 3P
   Transistors for TV Display Video Output Use
logo
Fairchild Semiconductor
2SA1381 FAIRCHILD-2SA1381 Datasheet
163Kb / 6P
   PNP Epitaxial Silicon Transistor
logo
Inchange Semiconductor ...
2SA1381 ISC-2SA1381 Datasheet
305Kb / 2P
   isc Silicon PNP Power Transistor
2SA1381 ISC-2SA1381_V01 Datasheet
305Kb / 2P
   isc Silicon PNP Power Transistor
More results

Similar Description - 2SA1381DSTU

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com