Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN100 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN100
Description  Primary-Side-Control PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN100 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN100 Datasheet HTML 1Page - Fairchild Semiconductor FAN100 Datasheet HTML 2Page - Fairchild Semiconductor FAN100 Datasheet HTML 3Page - Fairchild Semiconductor FAN100 Datasheet HTML 4Page - Fairchild Semiconductor FAN100 Datasheet HTML 5Page - Fairchild Semiconductor FAN100 Datasheet HTML 6Page - Fairchild Semiconductor FAN100 Datasheet HTML 7Page - Fairchild Semiconductor FAN100 Datasheet HTML 8Page - Fairchild Semiconductor FAN100 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN100 Rev. 1.0.0
3
Marking Information
Figure 4. Top Mark
Pin Configuration
Figure 5. Pin Configuration
Pin Definitions
Pin #
Name
Description
1
CS
Analog input, current sense. Connected to a current-sense resistor for peak-current-mode
control in CV mode. The current-sense signal is also provided for output-current regulation in
CC mode.
2
GND
Voltage reference, ground.
3
COMI
Analog output, current compensation. Output of the current error amplifier. Connect a capacitor
between COMI pin and GND for frequency compensation.
4
COMV
Analog output, voltage compensation. Output of the voltage error amplifier. Connect a capacitor
between COMV pin and GND for frequency compensation.
5
VS
Analog input, voltage sense. Output-voltage-sense input for output-voltage regulation.
6
GND
Voltage reference, ground.
7
VDD
Supply, power supply.
8
GATE
Driver output. The totem-pole output driver to drive the power MOSFET.
DXYTT
DXYTT
ZXYTT
FAN100
TPM
F
- Fairchild logo
Z- Plant Code
X- 1 digit year code
Y- 1 digit week code
TT: 2 digits die run code
T: Package type (M=SOP)
P: Z: Pb free, Y: Green package
M: Manufacture flow code
VS
GND
VDD
GATE
COMV
COMI
GND
CS


Similar Part No. - FAN100

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN100 FAIRCHILD-FAN100 Datasheet
939Kb / 21P
   Design and Application of Primary-Side Regulation (PSR) PWM Controller
FAN100 FAIRCHILD-FAN100 Datasheet
517Kb / 16P
   Primary-Side-Control PWM Controller
FAN100MY FAIRCHILD-FAN100MY Datasheet
517Kb / 16P
   Primary-Side-Control PWM Controller
FAN100 FAIRCHILD-FAN100_09 Datasheet
517Kb / 16P
   Primary-Side-Control PWM Controller
More results

Similar Description - FAN100

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGP100 FAIRCHILD-SGP100 Datasheet
497Kb / 14P
   Primary-side-control PWM Controller
FAN102 FAIRCHILD-FAN102 Datasheet
959Kb / 14P
   Primary-Side-Control PWM Controller
FAN100 FAIRCHILD-FAN100_09 Datasheet
517Kb / 16P
   Primary-Side-Control PWM Controller
FAN102 FAIRCHILD-FAN102_09 Datasheet
974Kb / 16P
   Primary-Side-Control PWM Controller
logo
List of Unclassifed Man...
AS2214 ETC-AS2214 Datasheet
53Kb / 8P
   Primary Side PWM Controller
logo
Texas Instruments
UC1548 TI-UC1548 Datasheet
345Kb / 9P
[Old version datasheet]   Primary Side PWM Controller
UC1548 TI1-UC1548_08 Datasheet
372Kb / 10P
[Old version datasheet]   Primary Side PWM Controller
logo
List of Unclassifed Man...
AS2208 ETC-AS2208 Datasheet
32Kb / 6P
   Primary Side PWM Controller
logo
ON Semiconductor
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
   Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
logo
Fairchild Semiconductor
FAN103 FAIRCHILD-FAN103 Datasheet
952Kb / 16P
   Primary-Side-Regulation PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com