Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN400A Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN400A
Description  Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN400A Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN400A Datasheet HTML 1Page - Fairchild Semiconductor FAN400A Datasheet HTML 2Page - Fairchild Semiconductor FAN400A Datasheet HTML 3Page - Fairchild Semiconductor FAN400A Datasheet HTML 4Page - Fairchild Semiconductor FAN400A Datasheet HTML 5Page - Fairchild Semiconductor FAN400A Datasheet HTML 6Page - Fairchild Semiconductor FAN400A Datasheet HTML 7Page - Fairchild Semiconductor FAN400A Datasheet HTML 8Page - Fairchild Semiconductor FAN400A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN400A Rev. 1.0.1
5
Electrical Characteristics
Unless otherwise noted, VDD=15V and TA=25°C.
Symbol
Parameter
Conditions
Min.
Typ.
Max. Units
VDD Section
With Secondary
Feedback
20
V
VDD-OP
Continuously Operation Voltage
Without Secondary
Feedback
22.7
V
VDD-ON
Turn-on Threshold Voltage
16
17
18
V
VDD-OFF
Turn-off Threshold Voltage
7.5
8.0
8.5
V
IDD-ST
Startup Current
VDD=VDD-ON – 0.1V
8
20
μA
IDD-OP
Operating Supply Current
CL=1nF
3.6
4.6
mA
VDD-G OFF
VDD Low-threshold Voltage to Exit
Green-off Mode
VDD-OFF+1.2
V
Feedback Input Section
AV
Input-Voltage to Current-Sense Attenuation
2/5
V/V
ZFB
Input Impedance
IFB=0.1mA to 0.2mA
2.4
kΩ
VFB-OPEN Open-Loop Voltage
4.5
V
FB is Open
20.7
22.7
24.7
V
VDD-FB
VDD Feedback Threshold Voltage
IFB=0.4mA
18.4
20.4
22.4
V
Current-Sense Section
tPD
Propagation Delay
100
150
ns
VDD=18V
0.81
V
VDD=15V
0.73
V
VSTHVA
Current Limit Valley Threshold Voltage
VDD=10V
0.58
V
VDD=18V
1.10
V
VDD=15V
1.01
V
VSTHFL
Current Limit Flat Threshold Voltage
VDD=10V
0.81
V
tLEB
Leading-Edge Blanking Time
250
310
370
ns
Figure 5.
Saw Limit


Similar Part No. - FAN400A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN400A FAIRCHILD-FAN400A Datasheet
764Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller
FAN400ANY FAIRCHILD-FAN400ANY Datasheet
764Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller
FAN400ATY FAIRCHILD-FAN400ATY Datasheet
764Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller
FAN400A FAIRCHILD-FAN400A_2 Datasheet
764Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller
More results

Similar Description - FAN400A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6849 ETC2-SG6849 Datasheet
330Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
logo
Fairchild Semiconductor
SG684965TZ FAIRCHILD-SG684965TZ Datasheet
391Kb / 16P
   Low-Power, Green-Mode PWM Flyback Power Controller without Secondary Feedback
SGP400 FAIRCHILD-SGP400 Datasheet
492Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
FAN400C FAIRCHILD-FAN400C Datasheet
544Kb / 14P
   Low-Power, Green-Mode, PWM Flyback Power Controller without Secondary Feedback (CC)
FAN400A FAIRCHILD-FAN400A_2 Datasheet
764Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller
AN-400A FAIRCHILD-AN-400A Datasheet
305Kb / 8P
   Low-Power Green-Mode PWM Flyback Power Controller
FSEZ2016 FAIRCHILD-FSEZ2016 Datasheet
501Kb / 14P
   Low-Power Green-Mode EZSWITCHTM without Secondary Side Feedback Circuitry
FSEZ2016 FAIRCHILD-FSEZ2016_10 Datasheet
477Kb / 14P
   Low-Power Green-Mode EZSWITCH without Secondary Side Feedback Circuitry
logo
Excelliance MOS Corp.
EM8631 EXCELLIANCE-EM8631 Datasheet
286Kb / 11P
   Green mode PWM Flyback Controller
EM8632 EXCELLIANCE-EM8632 Datasheet
285Kb / 11P
   Green mode PWM Flyback Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com