Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5099MX Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FAN5099MX
Description  Wide Frequency Synchronous Buck PW & LDO Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5099MX Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN5099MX Datasheet HTML 3Page - Fairchild Semiconductor FAN5099MX Datasheet HTML 4Page - Fairchild Semiconductor FAN5099MX Datasheet HTML 5Page - Fairchild Semiconductor FAN5099MX Datasheet HTML 6Page - Fairchild Semiconductor FAN5099MX Datasheet HTML 7Page - Fairchild Semiconductor FAN5099MX Datasheet HTML 8Page - Fairchild Semiconductor FAN5099MX Datasheet HTML 9Page - Fairchild Semiconductor FAN5099MX Datasheet HTML 10Page - Fairchild Semiconductor FAN5099MX Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5099 Rev. 1.1.5
7
Typical Performance Characteristics
VIN = 12V, Vdd = 5V, VOUT = 1.5V, Vldo = 1.2V, Iload = 5A, Ildo = 2A, fosc = 300kHz, unless otherwise noted.
Figure 3. Dead Time Waveform
Figure 4. PWM Load Transient (0 to 5A)
Figure 5. PWM Load Transient (0 to 10A)
Figure 6. PWM Load Transient (0 to 15A)
Figure 7. LDO Load Transient (0 to 2A)
Figure 8. LDO Load Transient (0 to 5A)
Ch1: HDRV; Ch2: LDRV. Dead times: 62ns, 32ns
Ch1: VOUT; Ch3: IL, 2.5A/div
Ch1: VOUT; Ch3: IL, 5A/div
Ch1: VOUT; Ch3: IL, 5A/div
Ch1: VOUT_LDO; Ch3: ILDO, 1A/div
Ch1: VOUT_LDO; Ch3: ILDO, 2.5A/div


Similar Part No. - FAN5099MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5099MX FAIRCHILD-FAN5099MX Datasheet
1,018Kb / 24P
   Wide Frequency Synchronous Buck PWM AND LDO Controller
More results

Similar Description - FAN5099MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5099 FAIRCHILD-FAN5099 Datasheet
1,018Kb / 24P
   Wide Frequency Synchronous Buck PWM AND LDO Controller
logo
Texas Instruments
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054 TI1-TPS40054_14 Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
LM5116 TI1-LM5116_14 Datasheet
1Mb / 37P
[Old version datasheet]   Wide Range Synchronous Buck Controller
TPS40057PWPG4 TI-TPS40057PWPG4 Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI-TPS40060 Datasheet
373Kb / 28P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
logo
National Semiconductor ...
LM25116 NSC-LM25116 Datasheet
609Kb / 26P
   Wide Range Synchronous Buck Controller
logo
Texas Instruments
LM5116 TI-LM5116_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Range Synchronous Buck Controller
LM5116-HT TI-LM5116-HT_15 Datasheet
578Kb / 35P
[Old version datasheet]   WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
TPS40050-Q1 TI-TPS40050-Q1 Datasheet
345Kb / 32P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com