Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN6300SZ Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FAN6300SZ
Description  Highly Integrated Quasi-Resonant Current Mode PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6300SZ Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN6300SZ Datasheet HTML 6Page - Fairchild Semiconductor FAN6300SZ Datasheet HTML 7Page - Fairchild Semiconductor FAN6300SZ Datasheet HTML 8Page - Fairchild Semiconductor FAN6300SZ Datasheet HTML 9Page - Fairchild Semiconductor FAN6300SZ Datasheet HTML 10Page - Fairchild Semiconductor FAN6300SZ Datasheet HTML 11Page - Fairchild Semiconductor FAN6300SZ Datasheet HTML 12Page - Fairchild Semiconductor FAN6300SZ Datasheet HTML 13Page - Fairchild Semiconductor FAN6300SZ Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6300 • Rev. 1.0.1
11
Current Sensing and PWM Current Limiting
Peak-current-mode control is utilized to regulate output
voltage and provide pulse-by-pulse current limiting. The
switch current is detected by a sense resistor into the
CS pin. The PWM duty cycle is determined by this
current sense signal and VFB. When the voltage on CS
pin reaches around VLIMIT = (VFB-1.2)/3, the switch cycle
is terminated immediately. VLIMIT is internally clamped to
a variable voltage around 0.8V for output power limit.
Leading Edge Blanking (LEB)
Each time the power MOFFET switches on, a turn-on
spike occurs on the sense resistor. To avoid premature
termination of the switching pulse, lead-edge blanking
time is built in. During the blanking period, the current limit
comparator is disabled; it cannot switch off the gate driver.
Under-Voltage Lockout (UVLO)
The turn-on, PWM-off, and turn-off thresholds are fixed
internally at 16/10/8V. During startup, the startup
capacitor must be charged to 16V through the startup
resistor to enable the IC. The hold-up capacitor
continues to supply VDD until energy can be delivered
from the auxiliary winding of the main transformer. VDD
must not drop below 10V during this startup process.
This UVLO hysteresis window ensures that hold-up
capacitor is adequate to supply VDD during startup.
Gate Output
The BiCMOS output stage is a fast totem-pole gate
driver. Cross conduction has been avoided to minimize
heat dissipation, increase efficiency, and enhance
reliability. The output driver is clamped by an internal
18V Zener diode to protect power MOSFET transistors
against undesired over-voltage gate signals.
Over-Power Compensation
To compensate this variation for wide AC input range,
the DET pin produces an offset voltage to compensate
the threshold voltage of the peak current limit to provide
a constant-power limit. The offset is generated in
accordance with the input voltage when PWM signal is
enabled. This results in a lower current limit at high-line
inputs than low-line inputs. At fixed-load condition, the
CS limit is higher when the value of RDET is higher. RDET
also affects the H/L line constant power limit.
Figure 22. H/L Line Constant Power Limit
Compensated by DET Pin
VDD Over-Voltage Protection
VDD over-voltage protection prevents damage due to
abnormal conditions. Once the VDD voltage is over the
VDD over-voltage protection voltage (VDD-OVP) and lasts
for tVDDOVP, the PWM pulse is disabled until the VDD
voltage drops below the UVLO, then starts again.
Output Over-Voltage Protection
The output over-voltage protection works by the
sampling voltage, as shown in Figure 23, after switch-off
sequence. A 4μs blanking time ignores the leakage
inductance ringing. A voltage comparator and a 2.5V
reference voltage develop an output OVP protection.
The ratio of the divider determines the sampling voltage
of the stop gate, as an optical coupler and secondary
shunt regulator are used. If the DET pin OVP is
triggered, power system enters latch-mode until AC
power is removed.
Figure 23. Voltage Sampled After 4μs Blanking Time
After Switch-off Sequence
Short-Circuit and Open-Loop Protection
The FB voltage increases every time the output of the
power supply is shorted or overloaded. If the FB voltage
remains higher than a built-in threshold for longer than
tD-OLP, PWM output is turned off. As PWM output is
turned-off, the supply voltage VDD begins decreasing.
When VDD goes below the PWM-off threshold of 10V,
VDD decreases to 8V, then the controller is totally shut
down. VDD is charged up to the turn-on threshold voltage
of 16V through the startup resistor until PWM output is
restarted. This protection feature continues as long as
the overloading condition persists. This prevents the
power supply from overheating due to overloading.


Similar Part No. - FAN6300SZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6300SY FAIRCHILD-FAN6300SY Datasheet
555Kb / 14P
   High-Voltage Startup, Quasi-Resonant Operation
More results

Similar Description - FAN6300SZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN6300A ONSEMI-FAN6300A Datasheet
789Kb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
January 2014 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN6300A FAIRCHILD-FAN6300A Datasheet
1Mb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
AN-6300 FAIRCHILD-AN-6300 Datasheet
565Kb / 13P
   Highly Integrated Quasi-Resonant PWM Controller
logo
Holtek Semiconductor In...
HT7L5820 HOLTEK-HT7L5820 Datasheet
2Mb / 14P
   Integrated PFC and Quasi-Resonant Current Mode PWM Controller
logo
Fairchild Semiconductor
FAN6921ML FAIRCHILD-FAN6921ML Datasheet
1Mb / 23P
   Integrated Critical Mode PFC/Quasi-Resonant Current Mode PWM Controller
AN-6921 FAIRCHILD-AN-6921 Datasheet
618Kb / 16P
   Integrated Critical Mode PFC / Quasi-Resonant Current Mode PWM Controller
logo
ON Semiconductor
FAN6921BMR ONSEMI-FAN6921BMR Datasheet
719Kb / 20P
   Integrated Critical Mode PFC and Quasi-Resonant Current Mode PWM Controller
August, 2020 ??Rev. 0
logo
Fairchild Semiconductor
FAN6921MR FAIRCHILD-FAN6921MR Datasheet
1Mb / 24P
   Integrated Critical Mode PFC and Quasi-Resonant Current Mode PWM Controller
FAN6920MR FAIRCHILD-FAN6920MR Datasheet
1Mb / 24P
   Integrated Critical-Mode PFC and Quasi-Resonant Current-Mode PWM Controller
AN-6920MR FAIRCHILD-AN-6920MR Datasheet
683Kb / 17P
   Integrated Critical-Mode PFC / Quasi-Resonant Current-Mode PWM Controller FAN6920
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com