Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V62C3802048L-35T Datasheet(PDF) 3 Page - Mosel Vitelic, Corp

Part # V62C3802048L-35T
Description  Ultra Low Power 256K x 8 CMOS SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V62C3802048L-35T Datasheet(HTML) 3 Page - Mosel Vitelic, Corp

  V62C3802048L-35T Datasheet HTML 1Page - Mosel Vitelic, Corp V62C3802048L-35T Datasheet HTML 2Page - Mosel Vitelic, Corp V62C3802048L-35T Datasheet HTML 3Page - Mosel Vitelic, Corp V62C3802048L-35T Datasheet HTML 4Page - Mosel Vitelic, Corp V62C3802048L-35T Datasheet HTML 5Page - Mosel Vitelic, Corp V62C3802048L-35T Datasheet HTML 6Page - Mosel Vitelic, Corp V62C3802048L-35T Datasheet HTML 7Page - Mosel Vitelic, Corp V62C3802048L-35T Datasheet HTML 8Page - Mosel Vitelic, Corp V62C3802048L-35T Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Absolute Maximum Ratings *
* Note: Stresses greater than those listed above Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rat-
ing only and functional operation of the device at these or any conditions outside those indicated in the operational sections of this specifica-
tion is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Parameter
Symbol
Minimum
Maximum
Unit
Voltage on Any Pin Relative to Gnd
Vt
-0.5
4.6
V
Power Dissipation
PT
1.0
W
Storage Temperature (Plastic)
Tstg
-55
+150
0C
Temperature Under Bias
Tbias
-40
+85
0C
Truth Table
* Key: X = Don’t Care, L = Low, H = High
CE1
CE2
WE
OE
Data
Mode
H
X
X
X
High-Z
Standby
X
L
X
X
High-Z
Standby
L
H
H
L
Data Out
Active, Read
L
H
H
H
High-Z
Active, Output Disable
L
H
L
X
Data In
Active, Write
3
Recommended Operating Conditions (TA = 0
0C to +700C / -400C to 850C**)
* VIL min = -2.0V for pulse width less than tRC/2.
** For Industrial Temperature.
Parameter
Symbol
Min
Typ
Max
Unit
VCC
2.7
3.0
3.3
V
Gnd
0.0
0.0
0.0
V
VIH
2.2
-
VCC + 0.2
V
VIL
-0.5*
-
0.6
V
Supply Voltage
Input Voltage
V62C3802048L(L)
REV. 1.2 May 2001 V62C3802048L(L)


Similar Part No. - V62C3802048L-35T

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C3801024L MOSEL-V62C3801024L Datasheet
91Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C3801024L-100T MOSEL-V62C3801024L-100T Datasheet
91Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C3801024L-100V MOSEL-V62C3801024L-100V Datasheet
91Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C3801024L-55T MOSEL-V62C3801024L-55T Datasheet
91Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C3801024L-55V MOSEL-V62C3801024L-55V Datasheet
91Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
More results

Similar Description - V62C3802048L-35T

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C2802048L MOSEL-V62C2802048L Datasheet
94Kb / 10P
   Ultra Low Power 256K x 8 CMOS SRAM
V62C1802048L MOSEL-V62C1802048L Datasheet
84Kb / 9P
   Ultra Low Power 256K x 8 CMOS SRAM
logo
Brilliance Semiconducto...
BS62UV2001 BSI-BS62UV2001 Datasheet
282Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62UV2006 BSI-BS62UV2006 Datasheet
320Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 256K X 8 bit
logo
Lyontek Inc.
LY622568_1008 LYONTEK-LY622568_1008 Datasheet
293Kb / 14P
   256K X 8 BIT LOW POWER CMOS SRAM
LY622568 LYONTEK-LY622568_16 Datasheet
825Kb / 17P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62L2568 LYONTEK-LY62L2568_17 Datasheet
1Mb / 20P
   256K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UC62LS2008 ETC1-UC62LS2008 Datasheet
540Kb / 11P
   Low Power CMOS SRAM 256K X 8 Bits
logo
Lyontek Inc.
LY62L2568_1008 LYONTEK-LY62L2568_1008 Datasheet
342Kb / 16P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62W2568 LYONTEK-LY62W2568_11 Datasheet
483Kb / 16P
   256K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com