Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

V826632K24S Datasheet(PDF) 1 Page - Mosel Vitelic, Corp

Part No. V826632K24S
Description  2.5 VOLT 32M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V826632K24S Datasheet(HTML) 1 Page - Mosel Vitelic, Corp

  V826632K24S Datasheet HTML 1Page - Mosel Vitelic, Corp V826632K24S Datasheet HTML 2Page - Mosel Vitelic, Corp V826632K24S Datasheet HTML 3Page - Mosel Vitelic, Corp V826632K24S Datasheet HTML 4Page - Mosel Vitelic, Corp V826632K24S Datasheet HTML 5Page - Mosel Vitelic, Corp V826632K24S Datasheet HTML 6Page - Mosel Vitelic, Corp V826632K24S Datasheet HTML 7Page - Mosel Vitelic, Corp V826632K24S Datasheet HTML 8Page - Mosel Vitelic, Corp V826632K24S Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MOSEL VITELIC
1
V826632K24S
2.5 VOLT 32M x 64 HIGH PERFORMANCE
UNBUFFERED DDR SDRAM MODULE
PRELIMINARY
V826632K24S Rev. 1.0 April 2002
Features
■ 184 Pin Unbuffered 33,554,432 x 64 bit
Organization DDR SDRAM Modules
■ Utilizes High Performance 32M x 8 DDR
SDRAM in TSOPII-66 Packages
■ Single +2.5V (± 0.2V) Power Supply
■ Programmable CAS Latency, Burst Length, and
Wrap Sequence (Sequential & Interleave)
■ Auto Refresh (CBR) and Self Refresh
■ All Inputs, Outputs are SSTL-2 Compatible
■ 8192 Refresh Cycles every 64 ms
■ Serial Presence Detect (SPD)
■ DDR SDRAM Performance
Description
The V826632K24S memory module is organized
33,554,432 x 64 bits in a 184 pin memory module.
The 16M x 64 memory module uses 8 Mosel-Vitelic
32M x 8 DDR SDRAM. The x64 modules are ideal
for use in high performance computer systems
where increased memory density and fast access
times are required.
Component Used
B1
B0
A1
Units
tCK Clock Frequency
(max.)
143
(PC266A)
133
(PC266B)
125
(PC200)
MHz
tAC Clock Cycle Time
CAS Latency = 2.5
77.5
8
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn