Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

FFA40UP35S Datasheet(HTML) 1 Page - Fairchild Semiconductor

Part No. FFA40UP35S
Description  Ultrafast Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FFA40UP35S Datasheet(HTML) 1 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 5 page
background image
tm
March 2008
©2008 Fairchild Semiconductor Corporation
FFA40UP35S Rev. A
www.fairchildsemi.com
1
Ultrafast Rectifier
FFA40UP35S
Features
• High Speed Switching, trr < 55ns @ IF = 40A
• High Reverse Voltage and High Reliability
• Avalanche Energy Rated
• Low Forward Voltage, VF < 1.6V
• RoHS compliant
Applications
• General Purpose
• Switching Mode Power Supply
• Free-wheeling diode for motor application
• Power switching circuits
40A, 350V Ultrafast Rectifier
The FFA40UP35S is utrafast rectifier with low forward voltage
drop. It is silicon nitride passivated ion-implanted epitaxial planar
construction.
This device is intended for use as freewheeling/clamping rectifi-
ers in a variety of switching power supplies and other power
swithching applications. Its low stored charge and hyperfast soft
recovery minimize ringing and electrical noise in many power
switching circuits reducing power loss in the switching transis-
tors.
Absolute Maximum Ratings T
C = 25
oC unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VRRM
Peak Repetitive Reverse Voltage
350
V
VRWM
Working Peak Reverse Voltage
350
V
VR
DC Blocking Voltage
350
V
IF(AV)
Average Rectified Forward Current
@ TC = 111
oC
40
A
IFSM
Non-repetitive Peak Surge Current
60Hz Single Half-Sine Wave
400
A
TJ, TSTG
Operating and Storage Temperature Range
-65 to +150
oC
Symbol
Parameter
Ratings
Units
RθJC
Maximum Thermal Resistance, Junction to Case
0.8
oC/W
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
F40UP35S
FFA40UP35STU
TO3P
-
-
30
TO3P
1. Anode 2. Cathode 3. Anode
1
2
3
1. Anode 2. Cathode 3. Anode


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
APT8DQ60K3CTULTRAFAST SOFT RECOVERY RECTIFIER DIODE 1 2 3 4 Microsemi Corporation
APT2X101DQ120JULTRAFAST SOFT RECOVERY RECTIFIER DIODE 1 2 3 4 Microsemi Corporation
APT30D100B_05ULTRAFAST SOFT RECOVERY RECTIFIER DIODE 1 2 3 4 Advanced Power Technology
UF1000_0610A GLASS PASSIVATED ULTRAFAST RECTIFIER 1 2 3 4 Won-Top Electronics
UF1000FCT_0610A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER 1 2 3 4 Won-Top Electronics
US1ASurface mount diode Ultrafast silicon rectifier diodes 1 2 Semikron International
UF2A_04SURFACE MOUNT ULTRAFAST RECTIFIER 1 2 Pan Jit International Inc.
UF600A_07Ultrafast silicon rectifier diodes 1 2 Semikron International
8ETH03PBFUltrafast Rectifier 1 2 3 4 5 MoreInternational Rectifier
STTH12004TV1Ultrafast high voltage rectifier 1 2 3 4 5 MoreSTMicroelectronics

Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn