Electronic Components Datasheet Search |
|
XC6202P872MH Datasheet(PDF) 5 Page - Torex Semiconductor |
|
XC6202P872MH Datasheet(HTML) 5 Page - Torex Semiconductor |
5 / 32 page 5/32 XC6202 Series PARAMETER SYMBOL CONDITIONS MIN. TYP. MAX. UNITS CIRCUIT Output Voltage VOUT(E) (*2) VIN=6V IOUT=30mA 4.900 5.000 5100 V ② Maximum Output Current IOUTmax VIN=6V VOUT ≧VOUT(E)×0.9 200 - - mA ② Load Regulation △VOUT VIN=6V 1mA ≦IOUT≦100mA - 30 100 mV ② Vdif1 IOUT=30mA - 130 190 Dropout Voltage (*3) Vdif2 IOUT=100mA - 440 550 mV ② Supply Current ISS VIN=6V - 10 24 μA ① Line Regulation △VOUT △VIN・△VOUT IOUT=1mA 6V ≦VIN≦20V - 0.01 0.20 %/V ② Input Voltage VIN - - 20 V - Output Voltage Temperature Characteristics △VOUT △Topr・△VOUT IOUT=30mA -40 ℃≦Topr≦85℃ - ±100 - ppm/ ℃ ② Short-circuit Current Ishort VIN=7V - 40 - mA ② PARAMETER SYMBOL CONDITIONS MIN. TYP. MAX. UNITS CIRCUIT Output Voltage VOUT(E) (*2) VIN=13V IOUT=30mA 11.760 12.000 12.240 V ② Maximum Output Current IOUTmax VIN=13V VOUT ≧VOUT(E)×0.9 200 - - mA ② Load Regulation △VOUT VIN=13V 1mA ≦IOUT≦100mA - 60 230 mV ② Vdif1 IOUT=30mA - 90 150 Dropout Voltage (*3) Vdif2 IOUT=100mA - 290 380 mV ② Supply Current ISS VIN=13V - 12 28 μA ① Line Regulation △VOUT △VIN・△VOUT IOUT=1mA 13V ≦VIN≦20V - 0.01 0.20 %/V ② Input Voltage VIN - - 20 V - Output Voltage Temperature Characteristics △VOUT △Topr・△VOUT IOUT=30mA -40 ℃≦Topr≦85℃ - ±100 - ppm/ ℃ ② Short-circuit Current Ishort VIN=14V - 40 - mA ② XC6202P502 VOUT(T)=5.0V (*1) Topr=25 ℃ XC6202PC02 VOUT(T)=12V (*1) Topr=25 ℃ ■ELECTRICAL CHARACTERISTICS (Continued) |
Similar Part No. - XC6202P872MH |
|
Similar Description - XC6202P872MH |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |