Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FFPF10H60S Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FFPF10H60S
Description  Hyperfast 2 Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFPF10H60S Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FFPF10H60S_07 Datasheet HTML 1Page - Fairchild Semiconductor FFPF10H60S_07 Datasheet HTML 2Page - Fairchild Semiconductor FFPF10H60S_07 Datasheet HTML 3Page - Fairchild Semiconductor FFPF10H60S_07 Datasheet HTML 4Page - Fairchild Semiconductor FFPF10H60S_07 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
tm
©2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
April 2007
FFPF10H60S Rev. A
FFPF10H60S
Hyperfast 2 Rectifier
Features
• High Speed Switching ( trr=25ns(Typ.) @ IF=10A )
• High Reverse Voltage and High Reliability
• Avalanche Energy Rated
• Low Forward Voltage( VF=2.1V(Typ.) @ IF=10A )
Applications
• General Purpose
• Switching Mode Power Supply
• Free-wheeling diode for motor application
• Power switching circuits
10A, 600V Hyperfast 2 Rectifier
The FFPF10H60S is hyperfast2 rectifier (trr=25ns(Typ.) @
IF=10A). it has half the recovery time of ultrafast rectifier and is
silicon nitride passivated ion-implanted epitaxial planar con-
struction.
This device is intended for use as freewheeling/clamping rectifi-
ers in a variety of switching power supplies and other power
swithching applications. Its low stored charge and hyperfast soft
recovery minimize ringing and electrical noise in many power
switching circuits reducing power loss in the switching transis-
tors.
Pin Assignments
Absolute Maximum Ratings
Thermal Characteristics
Package Marking and Ordering
1. Cathode 2. Anode
TO-220F-2L
1
1. Cathode
2. Anode
2
Symbol
Parameter
Value
Units
VRRM
Peak Repetitive Reverse Voltage
600
V
VRWM
Working Peak Reverse Voltage
600
V
VR
DC Blocking Voltage
600
V
IF(AV)
Average Rectified Forward Current
@ TC = 85 °C10
A
IFSM
Non-repetitive Peak Surge Current
60Hz Single Half-Sine Wave
100
A
TJ, TSTG
Operating Junction and Storage Temperature
- 65 to +150
°C
Symbol
Parameter
Max
Units
RθJC
Maximum Thermal Resistance, Junction to Case
3.4
°C/W
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
F10H60S
FFPF10H60STU
TO-220F
-
-
50
TC = 25°C unless otherwise noted
TC = 25°C unless otherwise noted
Information


Similar Part No. - FFPF10H60S_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFPF10H60STU FAIRCHILD-FFPF10H60STU Datasheet
164Kb / 5P
   Hyperfast Recovery Power Rectifier
More results

Similar Description - FFPF10H60S_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFPF08H60S FAIRCHILD-FFPF08H60S Datasheet
129Kb / 5P
   Hyperfast 2 Rectifier
FFP08H60S FAIRCHILD-FFP08H60S_07 Datasheet
187Kb / 5P
   Hyperfast 2 Rectifier
FFP04H60S FAIRCHILD-FFP04H60S Datasheet
348Kb / 5P
   4A, 600V Hyperfast 2 Rectifier
logo
Vishay Siliconix
VS-2EFH02-M3 VISHAY-VS-2EFH02-M3 Datasheet
113Kb / 6P
   Hyperfast Rectifier, 2 A FRED Pt
Revision: 28-Jun-16
VS-2EMH01-M3 VISHAY-VS-2EMH01-M3 Datasheet
123Kb / 6P
   Hyperfast Rectifier, 2 A FRED Pt
Revision: 10-Feb-15
VS-2EFH01HM3 VISHAY-VS-2EFH01HM3_V01 Datasheet
154Kb / 6P
   Hyperfast Rectifier, 2 A FRED Pt짰
01-Jan-2022
VS-2EJH02-M3 VISHAY-VS-2EJH02-M3_V01 Datasheet
157Kb / 6P
   Hyperfast Rectifier, 2 A FRED Pt짰
01-Jan-2022
VS-2EJH02HM3 VISHAY-VS-2EJH02HM3_V01 Datasheet
161Kb / 6P
   Hyperfast Rectifier, 2 A FRED Pt짰
01-Jan-2022
VS-2EMH01HM3 VISHAY-VS-2EMH01HM3 Datasheet
124Kb / 6P
   Hyperfast Rectifier, 2 A FRED Pt
Revision: 10-Feb-15
VS-2EMH01-M3 VISHAY-VS-2EMH01-M3_V01 Datasheet
132Kb / 6P
   Hyperfast Rectifier, 2 A FRED Pt짰
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com