Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FFPF15S60S Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FFPF15S60S
Description  15A, 600V STEALTHTM II Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFPF15S60S Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FFPF15S60S Datasheet HTML 1Page - Fairchild Semiconductor FFPF15S60S Datasheet HTML 2Page - Fairchild Semiconductor FFPF15S60S Datasheet HTML 3Page - Fairchild Semiconductor FFPF15S60S Datasheet HTML 4Page - Fairchild Semiconductor FFPF15S60S Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FFPF15S60S Rev. A
www.fairchildsemi.com
2
Electrical Characteristics T
C = 25
oC unless otherwise noted
Symbol
Parameter
Min.
Typ.
Max.
Units
VFM1
IF = 15A
IF = 15A
TC = 25
oC
TC = 125
oC
-
-
2.1
1.6
2.6
-
V
IRM1
VR = 600V
VR = 600V
TC = 25
oC
TC = 125
oC
-
-
-
-
100
500
µA
trr
IF = 1A, di/dt = 100A/µs, VR = 30V
TC = 25
oC
-
21
30
ns
trr
Irr
S factor
Qrr
IF = 15A, di/dt = 200A/µs, VR = 390V
TC = 25
oC
-
-
-
-
23
2.5
0.7
29
35
-
-
-
ns
A
nC
trr
Irr
S factor
Qrr
IF = 15A, di/dt = 200A/µs, VR = 390V
TC = 125
oC
-
-
-
-
55
4.3
1.1
118
-
-
-
-
ns
A
nC
WAVL
Avalanche Energy ( L = 40mH)
20
-
-
mJ
Test Circuit and Waveforms
Notes:
1: Pulse: Test Pulse width = 300
µs, Duty Cycle = 2%


Similar Part No. - FFPF15S60S

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FFPF15S60S ISC-FFPF15S60S Datasheet
274Kb / 2P
   Ultra fast Rectifier
More results

Similar Description - FFPF15S60S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFP08S60S FAIRCHILD-FFP08S60S_07 Datasheet
139Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFPF08S60ST FAIRCHILD-FFPF08S60ST_12 Datasheet
294Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFPF60SB60DS FAIRCHILD-FFPF60SB60DS Datasheet
264Kb / 5P
   4A, 600V STEALTHTM II Rectifier
FFP30S60S FAIRCHILD-FFP30S60S_12 Datasheet
511Kb / 6P
   30A, 600V STEALTHTM II Rectifier
FFP08S60SN FAIRCHILD-FFP08S60SN Datasheet
281Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFPF04S60S FAIRCHILD-FFPF04S60S Datasheet
238Kb / 5P
   4A, 600V STEALTHTM II Rectifier
FFPF08S60SN FAIRCHILD-FFPF08S60SN Datasheet
153Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFD08S60S FAIRCHILD-FFD08S60S Datasheet
498Kb / 5P
   STEALTHTM II Rectifier 8A, 600V Stealth2 Rectifier
FFPF60SA60DS FAIRCHILD-FFPF60SA60DS Datasheet
75Kb / 5P
   StealthTM Rectifier
logo
Shenzhen Huazhimei Semi...
HMG15N60D HMSEMI-HMG15N60D Datasheet
1Mb / 8P
   600V, 15A, Trench FS II IGBT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com