Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM50 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FM50
Description  Analog Temperature Sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM50 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FM50_08 Datasheet HTML 1Page - Fairchild Semiconductor FM50_08 Datasheet HTML 2Page - Fairchild Semiconductor FM50_08 Datasheet HTML 3Page - Fairchild Semiconductor FM50_08 Datasheet HTML 4Page - Fairchild Semiconductor FM50_08 Datasheet HTML 5Page - Fairchild Semiconductor FM50_08 Datasheet HTML 6Page - Fairchild Semiconductor FM50_08 Datasheet HTML 7Page - Fairchild Semiconductor FM50_08 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FM50 • Rev. 1.1.1
5
Functional Description
The FM50 contains a thermal diode, calibration
circuits, and amplifiers. Since the FM50 is calibrated
at 33°C, the nominal output in mV is:
VOUT = 830 + 10 • (T-33)
(1)
where T is the thermal junction temperature
expressed in °C.
At 33°C, the tolerances are:
Offset is ±3mV.
Slope is ±0.3mV/°C.
These values accommodate the specified accuracies
at -40, +25, and +125°C.
Output structure is an N-channel CMOS transistor
driving a P-channel load. Available current is typically
50μA to ground. Series resistance is typically 7k
Ω,
charging and 2k
Ω, discharging through a capacitor
connected from VOUT to ground.
Following application of power to VDD, VOUT is
accurate after a delay of approximately 80ms.
Application Information
Although the FM50 is a simple device, care must be
taken to ensure that temperature is measured
accurately. The major sources of errors are:
Voltage Errors
Thermal Delay Errors
Location Errors
Voltage Errors
Figure 6. Recommended Electrical Connections
A Kelvin connection is recommended to avoid errors
due to voltage drops in the ground connections.
Although the typical 130μA supply current draw only
causes a 130μV error; if the series resistance is 1
Ω, a
100mA current supply to adjacent circuits can cause
a 10mV drop across 100m
Ω (10mΩ is a typical value
for soldered joints or contact resistance), leading to a
1°C error. For this reason, the FM50 should be Kelvin
connected, as shown in Figure 6.
T
hermal Delay Errors
For measurement accuracy of the order of tenths of
1°C, adequate settling time must be allowed. For a
typical circuit board installation, 15 minutes should be
allowed to elapse after reading temperature within
1~2°C of the expected final value. Once VOUT has
ceased to slew and is stable (with or without about
±0.1°C noise) for about five minutes, temperature can
be calculated.
Location Errors
Position is source of error. Even within a controlled
thermal environment, changing location by a few
inches can lead to errors of several tenths of 1°C.
Mounting
The FM50 can be easily mounted by gluing or
cementing it to a surface. In this case, its temperature
will be within about 0.2°C of the temperature of the
surface to which it is attached if the ambient air
temperature is almost the same as the surface
temperature. If the air temperature is much higher or
lower than the surface temperature, the actual
temperature of the die will be at an intermediate
temperature between the surface temperature and
the air temperature.
To ensure good thermal conductivity, the backside of
the die is directly attached to the GND pin. The lands
and traces to the FM50 are part of the printed circuit
board, for which the temperature is being measured.
These printed circuit board lands and traces do not
cause the FM50’s temperature to deviate from the
desired temperature.
Alternatively, the FM50 can be mounted inside a
sealed-end metal tube and can be dipped into a bath
or screwed into a threaded hole in a tank. As with any
IC, the FM50 and accompanying wiring and circuits
must be kept insulated and dry to avoid leakage and
corrosion. This is especially true if the circuit may
operate at cold temperatures where condensation
can occur. Printed-circuit coatings and varnishes,
such as Humiseal and epoxy paint or dips, can be
used to ensure that moisture cannot corrode the
FM50 or it connections.


Similar Part No. - FM50_08

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
FM5010F FUMAN-FM5010F Datasheet
647Kb / 8P
   Mobile small fan control IC
logo
First Components Intern...
FM50N06 FCI-FM50N06 Datasheet
271Kb / 5P
   50A 60V N Channel Mosfet
logo
Fairchild Semiconductor
FM50 FAIRCHILD-FM50_04 Datasheet
41Kb / 8P
   Analog Temperature Sensor
More results

Similar Description - FM50_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM50 FAIRCHILD-FM50_04 Datasheet
41Kb / 8P
   Analog Temperature Sensor
logo
Silicon Supplies
LM335A SS-LM335A Datasheet
1Mb / 10P
   Analog Temperature Sensor
LM135A SS-LM135A Datasheet
1Mb / 10P
   Analog Temperature Sensor
SIS60A SS-SIS60A Datasheet
544Kb / 6P
   Analog Temperature Sensor
logo
Maxim Integrated Produc...
DS60 MAXIM-DS60 Datasheet
58Kb / 2P
   Analog Temperature Sensor
100906
logo
Silicon Supplies
LM135 SS-LM135 Datasheet
1Mb / 10P
   Analog Temperature Sensor
LM335 SS-LM335 Datasheet
1Mb / 10P
   Analog Temperature Sensor
logo
Fairchild Semiconductor
FM50 FAIRCHILD-FM50 Datasheet
328Kb / 8P
   Analog Temperature Sensor
logo
Rohm
BD1020HFV ROHM-BD1020HFV_15 Datasheet
1Mb / 13P
   Temperature Sensor IC Analog Output
logo
Texas Instruments
LM94021 TI1-LM94021 Datasheet
1Mb / 23P
[Old version datasheet]   Multi-Gain Analog Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com