Electronic Components Datasheet Search |
|
V62C3801024LL-85V Datasheet(PDF) 3 Page - Mosel Vitelic, Corp |
|
V62C3801024LL-85V Datasheet(HTML) 3 Page - Mosel Vitelic, Corp |
3 / 10 page V62C3801024L(L) Absolute Maximum Ratings * * Note: Stresses greater than those listed above Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rat- ing only and functional operation of the device at these or any conditions outside those indicated in the operational sections of this specifica- tion is not implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect reliability. Parameter Symbol Minimum Maximum Unit Voltage on Any Pin Relative to Gnd Vt -0.5 4.6 V Power Dissipation PT − 1.0 W Storage Temperature (Plastic) Tstg -55 +150 0C Temperature Under Bias Tbias -40 +85 0C Truth Table * Key: X = Don’t Care, L = Low, H = High CE1 CE2 WE OE Data Mode H X X X High-Z Standby X L X X High-Z Standby L H H L Data Out Active, Read L H H H High-Z Active, Output Disable L H L X Data In Active, Write 3 Recommended Operating Conditions (TA = 0 0C to +700C / -400C to 850C**) * VIL min = -1.0V for pulse width less than tRC/2. ** For Industrial Temperature Parameter Symbol Min Typ Max Unit VCC 2.7 3.0 3.3 V Gnd 0.0 0.0 0.0 V VIH 2.2 - VCC + 0.5 V VIL -0.5* - 0.6 V Supply Voltage Input Voltage REV. 1.1 April 2001 V62C3801024L(L) |
Similar Part No. - V62C3801024LL-85V |
|
Similar Description - V62C3801024LL-85V |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |