Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

FDS6670AS Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. FDS6670AS
Description  30V N-Channel PowerTrench짰 SyncFET?
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6670AS Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDS6670AS Datasheet HTML 1Page - Fairchild Semiconductor FDS6670AS Datasheet HTML 2Page - Fairchild Semiconductor FDS6670AS Datasheet HTML 3Page - Fairchild Semiconductor FDS6670AS Datasheet HTML 4Page - Fairchild Semiconductor FDS6670AS Datasheet HTML 5Page - Fairchild Semiconductor FDS6670AS Datasheet HTML 6Page - Fairchild Semiconductor FDS6670AS Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FDS6670AS Rev A
2 (X)
Typical Characteristics
0
10
20
30
40
50
00.5
11.5
2
VDS, DRAIN-SOURCE VOLTAGE (V)
4.5V
4.0V
3.5V
VGS = 10V
6.0V
3.0V
2.5V
0.6
1
1.4
1.8
2.2
2.6
0
102030
4050
ID, DRAIN CURRENT (A)
VGS = 3.0V
6.0V
10V
4.0V
4.5V
3.5V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.6
0.8
1
1.2
1.4
-50
-25
0
25
50
75
100
125
TJ, JUNCTION TEMPERATURE (
oC)
ID = 13.5A
VGS = 10V
0.005
0.01
0.015
0.02
0.025
246
8
10
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 6.75A
TA = 125
oC
TA = 25
oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
10
20
30
40
50
11.522.5
33.5
VGS, GATE TO SOURCE VOLTAGE (V)
TA = 125
oC
25
oC
-55
oC
VDS = 5V
0.001
0.01
0.1
1
10
0
0.1
0.2
0.3
0.4
0.5
0.6
VSD, BODY DIODE FORWARD VOLTAGE (V)
TA = 125
oC
25
oC
-55
oC
VGS = 0V
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


Similar Part No. - FDS6670AS

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
FDS6670AS FAIRCHILD-FDS6670AS Datasheet
114Kb / 7P
   30V N-Channel PowerTrench SyncFET
Richtek Technology Corporation
Richtek Technology Corp...
FDS6670AS RICHTEK-FDS6670AS Datasheet
330Kb / 18P
   6A, 24V, 600kHz Step-Down Converter with Synchronous Gate Driver
VBsemi Electronics Co.,Ltd
VBsemi Electronics Co.,...
FDS6670AS-NL VBSEMI-FDS6670AS-NL Datasheet
1,008Kb / 9P
   N-Channel 20V (D-S) MOSFET
Fairchild Semiconductor
Fairchild Semiconductor
FDS6670AS FAIRCHILD-FDS6670AS_10 Datasheet
300Kb / 7P
   30V N-Channel PowerTrench SyncFET?
FDS6670AS_NL FAIRCHILD-FDS6670AS_NL Datasheet
114Kb / 7P
   30V N-Channel PowerTrench SyncFET
More results

Similar Description - FDS6670AS

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
FDS6680AS FAIRCHILD-FDS6680AS Datasheet
551Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6676S FAIRCHILD-FDS6676S Datasheet
121Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDD6676AS FAIRCHILD-FDD6676AS Datasheet
120Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDP6670AS FAIRCHILD-FDP6670AS Datasheet
100Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS6688S FAIRCHILD-FDS6688S Datasheet
164Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS7764S FAIRCHILD-FDS7764S Datasheet
127Kb / 7P
   30V N-Channel PowerTrench SyncFET
FDS6699S FAIRCHILD-FDS6699S Datasheet
526Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDP6690S FAIRCHILD-FDP6690S Datasheet
88Kb / 5P
   30V N-Channel PowerTrench SyncFET
FDS6299S FAIRCHILD-FDS6299S Datasheet
114Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS7066ASN3 FAIRCHILD-FDS7066ASN3 Datasheet
144Kb / 7P
   30V N-Channel PowerTrench SyncFET
FDS6690AS FAIRCHILD-FDS6690AS Datasheet
143Kb / 8P
   30V N-Channel PowerTrench SyncFET
More results


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz