Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

FDS6670AS Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part No. FDS6670AS
Description  30V N-Channel PowerTrench짰 SyncFET?
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6670AS Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FDS6670AS Datasheet HTML 1Page - Fairchild Semiconductor FDS6670AS Datasheet HTML 2Page - Fairchild Semiconductor FDS6670AS Datasheet HTML 3Page - Fairchild Semiconductor FDS6670AS Datasheet HTML 4Page - Fairchild Semiconductor FDS6670AS Datasheet HTML 5Page - Fairchild Semiconductor FDS6670AS Datasheet HTML 6Page - Fairchild Semiconductor FDS6670AS Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
FDS6670AS Rev A
2 (X)
Typical Characteristics (continued)
SyncFET Schottky Body Diode
Characteristics
Fairchild’s SyncFET process embeds a Schottky diode in
parallel with PowerTrench MOSFET. This diode exhibits
similar characteristics to a discrete external Schottky
diode in parallel with a MOSFET. Figure 12 shows the
reverse recovery characteristic of the FDS6670AS.
Figure 12. FDS6670AS SyncFET body diode
reverse recovery characteristic.
For comparison purposes, Figure 13 shows the reverse
recovery characteristics
of
the
body diode
of
an
equivalent size MOSFET produced without SyncFET
(FDS6670A).
Figure 13. Non-SyncFET (FDS6670A) body
diode reverse recovery characteristic.
Schottky barrier diodes exhibit significant leakage at high
temperature and high reverse voltage. This will increase
the power in the device.
0.00001
0.0001
0.001
0.01
0.1
0
10
20
30
VDS, REVERSE VOLTAGE (V)
100
oC
25
oC
125
oC
Figure 14. SyncFET body diode reverse
leakage versus drain-source voltage and
temperature.
TIME : 12.5ns/div
TIME : 12.5ns/div


Similar Part No. - FDS6670AS

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
FDS6670AS FAIRCHILD-FDS6670AS Datasheet
114Kb / 7P
   30V N-Channel PowerTrench SyncFET
Richtek Technology Corporation
Richtek Technology Corp...
FDS6670AS RICHTEK-FDS6670AS Datasheet
330Kb / 18P
   6A, 24V, 600kHz Step-Down Converter with Synchronous Gate Driver
VBsemi Electronics Co.,Ltd
VBsemi Electronics Co.,...
FDS6670AS-NL VBSEMI-FDS6670AS-NL Datasheet
1,008Kb / 9P
   N-Channel 20V (D-S) MOSFET
Fairchild Semiconductor
Fairchild Semiconductor
FDS6670AS FAIRCHILD-FDS6670AS_10 Datasheet
300Kb / 7P
   30V N-Channel PowerTrench SyncFET?
FDS6670AS_NL FAIRCHILD-FDS6670AS_NL Datasheet
114Kb / 7P
   30V N-Channel PowerTrench SyncFET
More results

Similar Description - FDS6670AS

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
FDS6680AS FAIRCHILD-FDS6680AS Datasheet
551Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6676S FAIRCHILD-FDS6676S Datasheet
121Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDD6676AS FAIRCHILD-FDD6676AS Datasheet
120Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDP6670AS FAIRCHILD-FDP6670AS Datasheet
100Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS6688S FAIRCHILD-FDS6688S Datasheet
164Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS7764S FAIRCHILD-FDS7764S Datasheet
127Kb / 7P
   30V N-Channel PowerTrench SyncFET
FDS6699S FAIRCHILD-FDS6699S Datasheet
526Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDP6690S FAIRCHILD-FDP6690S Datasheet
88Kb / 5P
   30V N-Channel PowerTrench SyncFET
FDS6299S FAIRCHILD-FDS6299S Datasheet
114Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS7066ASN3 FAIRCHILD-FDS7066ASN3 Datasheet
144Kb / 7P
   30V N-Channel PowerTrench SyncFET
FDS6690AS FAIRCHILD-FDS6690AS Datasheet
143Kb / 8P
   30V N-Channel PowerTrench SyncFET
More results


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com