Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

FDS6679AZ Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. FDS6679AZ
Description  P-Channel PowerTrench짰 MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6679AZ Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDS6679AZ Datasheet HTML 1Page - Fairchild Semiconductor FDS6679AZ Datasheet HTML 2Page - Fairchild Semiconductor FDS6679AZ Datasheet HTML 3Page - Fairchild Semiconductor FDS6679AZ Datasheet HTML 4Page - Fairchild Semiconductor FDS6679AZ Datasheet HTML 5Page - Fairchild Semiconductor FDS6679AZ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
tm
July 2008
©2008 Fairchild Semiconductor Corporation
FDS6679AZ Rev. B1
www.fairchildsemi.com
1
FDS6679AZ
P-Channel PowerTrench® MOSFET
-30V, -13A, 9m
General Description
This P-Channel MOSFET is producted using Fairchild
Semiconductor’s advanced PowerTrench process that has
been especially tailored to minimize the on-state
resistance.
This device is well suited for Power Management and load
switching applications common in Notebook Computers
and Portable Battery Packs.
Features
Max rDS(on) = 9.3mΩ at VGS = -10V, ID = -13A
Max rDS(on) = 14.8mΩ at VGS = -4.5V, ID = -11A
Extended VGS range (-25V) for battery applications
HBM ESD protection level of 6kV typical (note 3)
High performance trench technology for extremely low
rDS(on)
High power and current handing capability
RoHS Compliant
S
D
S
S
SO-8
D
D
D
G
1
7
5
2
8
4
6
3
MOSFET Maximum Ratings T
A = 25°C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDS
Drain to Source Voltage
-30
V
VGS
Gate to Source Voltage
±25
V
ID
Drain Current -Continuous
(Note 1a)
-13
A
-Pulsed
-65
PD
Power Dissipation for Single Operation
(Note 1a)
2.5
W
(Note 1b)
1.2
(Note 1c)
1.0
TJ, TSTG
Operating and Storage Temperature
-55 to +150
°C
RθJA
Thermal Resistance , Junction to Ambient (Note 1a)
50
°C/W
RθJC
Thermal Resistance , Junction to Case (Note 1)
25
°C/W
Device Marking
Device
Reel Size
Tape Width
Quantity
FDS6679AZ
FDS6679AZ
13’’
12mm
2500 units


Similar Part No. - FDS6679AZ

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
FDS6679AZ FAIRCHILD-FDS6679AZ Datasheet
414Kb / 6P
   P-Channel PowerTrench MOSFET -30V, -13A, 9mOhm
TECH PUBLIC Electronics co LTD
TECH PUBLIC Electronics...
FDS6679AZ TECHPUBLIC-FDS6679AZ Datasheet
1Mb / 3P
   P-Channel Enhancement Mode MOSFET
VBsemi Electronics Co.,Ltd
VBsemi Electronics Co.,...
FDS6679AZ-NL VBSEMI-FDS6679AZ-NL Datasheet
995Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - FDS6679AZ

ManufacturerPart No.DatasheetDescription
Solid States Devices, Inc
Solid States Devices, I...
FT0009B SSDI-FT0009B Datasheet
129Kb / 3P
   P-Channel MOSFET
Guangdong Kexin Industrial Co.,Ltd
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ211-3 KEXIN-2SJ211-3 Datasheet
1Mb / 3P
   P-Channel MOSFET
2SJ213 KEXIN-2SJ213_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3401A KEXIN-AO3401A Datasheet
1Mb / 4P
   P-Channel MOSFET
AO3407A KEXIN-AO3407A Datasheet
2Mb / 4P
   P-Channel MOSFET
AO3413-HF KEXIN-AO3413-HF Datasheet
2Mb / 4P
   P-Channel MOSFET
AO3415AS-HF KEXIN-AO3415AS-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
AO3421 KEXIN-AO3421 Datasheet
1Mb / 4P
   P-Channel MOSFET
AO3421-3 KEXIN-AO3421-3 Datasheet
1Mb / 4P
   P-Channel MOSFET
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com