Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS6679AZ Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDS6679AZ
Description  P-Channel PowerTrench짰 MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6679AZ Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDS6679AZ Datasheet HTML 1Page - Fairchild Semiconductor FDS6679AZ Datasheet HTML 2Page - Fairchild Semiconductor FDS6679AZ Datasheet HTML 3Page - Fairchild Semiconductor FDS6679AZ Datasheet HTML 4Page - Fairchild Semiconductor FDS6679AZ Datasheet HTML 5Page - Fairchild Semiconductor FDS6679AZ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FDS6679AZ Rev. B1
www.fairchildsemi.com
2
Electrical Characteristics T
J = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain to Source Breakdown Voltage
ID = -250µA, VGS = 0V
-30
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = -250µA, referenced to
25°C
-20
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = -24V, VGS=0V
-1
µA
IGSS
Gate to Source Leakage Current
VGS = ±25V, VDS=0V
±10
µA
On Characteristics
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = -250µA
-1
-1.9
-3
V
∆VGS(th)
∆TJ
Gate to Source Threshold Voltage
Temperature Coefficient
ID = -250µA, referenced to
25°C
6.5
mV/°C
rDS(on)
Drain to Source On Resistance
VGS = -10V, ID = -13A
7.7
9.3
m
VGS = -4.5V, ID = -11A
11.8
14.8
VGS = -10V, ID = -13A,
TJ = 125°C
10.7
13.4
gFS
Forward Transconductance
VDS = -5V, ID = -13A
55
S
(Note 2)
Dynamic Characteristics
Ciss
Input Capacitance
VDS = -15V, VGS = 0V,
f = 1MHz
2890
3845
pF
Coss
Output Capacitance
500
665
pF
Crss
Reverse Transfer Capacitance
495
745
pF
Switching Characteristics (Note 2)
td(on)
Turn-On Delay Time
VDD = -15V, ID = -1A
VGS = -10V, RGS = 6Ω
13
24
ns
tr
Rise Time
15
27
ns
td(off)
Turn-Off Delay Time
210
336
ns
tf
Fall Time
92
148
ns
Qg
Total Gate Charge
VDS = -15V, VGS = -10V,
ID = -13A
68
96
nC
Qg
Total Gate Charge
VDS = -15V, VGS = -5V,
ID = -13A
38
54
nC
Qgs
Gate to Source Gate Charge
10
nC
Qgd
Gate to Drain Charge
17
nC
Drain-Source Diode Characteristic
VSD
Source to Drain Diode Forward Voltage VGS = 0V, IS = -2.1A
-0.7
-1.2
V
trr
Reverse Recovery Time
IF = -13A, di/dt = 100A/µs
40
ns
Qrr
Reverse Recovery Charge
IF = -13A, di/dt = 100A/µs
-31
nC
Notes:
1: RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the
drain pins. RθJC is guaranteed by design while RθCA is determined by the user’s board design.
Scale 1 : 1 on letter size paper
2: Pulse Test:Pulse Width <300
µs, Duty Cycle <2.0%
3: The diode connected between the gate and source serves only as protection against ESD. No gate overvoltage rating is implied.
a) 50°C/W when
mounted on a 1 in2
pad of 2 oz copper
b)105°C/W when
mounted on a .04 in2
pad of 2 oz copper
minimun pad
c) 125°C/W when
mounted on a


Similar Part No. - FDS6679AZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6679AZ FAIRCHILD-FDS6679AZ Datasheet
414Kb / 6P
   P-Channel PowerTrench MOSFET -30V, -13A, 9mOhm
logo
TECH PUBLIC Electronics...
FDS6679AZ TECHPUBLIC-FDS6679AZ Datasheet
1Mb / 3P
   P-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
FDS6679AZ-NL VBSEMI-FDS6679AZ-NL Datasheet
995Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - FDS6679AZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDME910PZT FAIRCHILD-FDME910PZT Datasheet
271Kb / 7P
   P-Channel PowerTrench짰 MOSFET
FDS6675BZ FAIRCHILD-FDS6675BZ_08 Datasheet
457Kb / 6P
   P-Channel PowerTrench짰 MOSFET
logo
ON Semiconductor
FDD4685-F085 ONSEMI-FDD4685-F085 Datasheet
740Kb / 7P
   P-Channel PowerTrench짰 MOSFET
September-2017,Rev.2
logo
Fairchild Semiconductor
FDC610PZ FAIRCHILD-FDC610PZ Datasheet
450Kb / 6P
   P-Channel PowerTrench짰 MOSFET
FDMA86265P FAIRCHILD-FDMA86265P Datasheet
204Kb / 7P
   P-Channel PowerTrench짰 MOSFET
logo
ON Semiconductor
FDD6637-F085 ONSEMI-FDD6637-F085 Datasheet
455Kb / 8P
   P-Channel PowerTrench짰 MOSFET
September-2017, Rev. 3
logo
Fairchild Semiconductor
FDMC612PZ FAIRCHILD-FDMC612PZ Datasheet
261Kb / 7P
   P-Channel PowerTrench짰 MOSFET
FDD4141 FAIRCHILD-FDD4141 Datasheet
237Kb / 6P
   P-Channel PowerTrench짰 MOSFET
FDMA910PZ FAIRCHILD-FDMA910PZ Datasheet
236Kb / 7P
   Single P-Channel PowerTrench짰 MOSFET
FDMA1023PZ FAIRCHILD-FDMA1023PZ_08 Datasheet
473Kb / 7P
   Dual P-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com