Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS8880 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FDS8880
Description  N-Channel PowerTrench짰 MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8880 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FDS8880_07 Datasheet HTML 4Page - Fairchild Semiconductor FDS8880_07 Datasheet HTML 5Page - Fairchild Semiconductor FDS8880_07 Datasheet HTML 6Page - Fairchild Semiconductor FDS8880_07 Datasheet HTML 7Page - Fairchild Semiconductor FDS8880_07 Datasheet HTML 8Page - Fairchild Semiconductor FDS8880_07 Datasheet HTML 9Page - Fairchild Semiconductor FDS8880_07 Datasheet HTML 10Page - Fairchild Semiconductor FDS8880_07 Datasheet HTML 11Page - Fairchild Semiconductor FDS8880_07 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
©2007 Fairchild Semiconductor Corporation
FDS8880 Rev. B
www.fairchildsemi.com
10
SABER Electrical Model
REV August 2004
template FDS8880 n2,n1,n3
electrical n2,n1,n3
{
var i iscl
dp..model dbodymod = (isl=2.6e-12,ikf=10,nl=1.01,rs=5.6e-3,trs1=8e-4,trs2=2e-7,cjo=5e-10,m=0.55,tt=1e-11,xti=2)
dp..model dbreakmod = (rs=0.2,trs1=1e-3,trs2=-8.9e-6)
dp..model dplcapmod = (cjo=4.27e-10,isl=10e-30,nl=10,m=0.38)
m..model mmedmod = (type=_n,vto=1.8,kp=5,is=1e-30, tox=1)
m..model mstrongmod = (type=_n,vto=2.21,kp=150,is=1e-30, tox=1)
m..model mweakmod = (type=_n,vto=1.53,kp=0.05,is=1e-30, tox=1,rs=0.1)
sw_vcsp..model s1amod = (ron=1e-5,roff=0.1,von=-4,voff=-3.5)
sw_vcsp..model s1bmod = (ron=1e-5,roff=0.1,von=-3.5,voff=-4)
sw_vcsp..model s2amod = (ron=1e-5,roff=0.1,von=-1.5,voff=-1.0)
sw_vcsp..model s2bmod = (ron=1e-5,roff=0.1,von=-1.0,voff=-1.5)
c.ca n12 n8 = 9.3e-10
c.cb n15 n14 = 9.3e-10
c.cin n6 n8 = 1.15e-9
dp.dbody n7 n5 = model=dbodymod
dp.dbreak n5 n11 = model=dbreakmod
dp.dplcap n10 n5 = model=dplcapmod
spe.ebreak n11 n7 n17 n18 = 33.5
spe.eds n14 n8 n5 n8 = 1
spe.egs n13 n8 n6 n8 = 1
spe.esg n6 n10 n6 n8 = 1
spe.evthres n6 n21 n19 n8 = 1
spe.evtemp n20 n6 n18 n22 = 1
i.it n8 n17 = 1
l.lgate n1 n9 = 3.6e-9
l.ldrain n2 n5 = 1.0e-9
l.lsource n3 n7 = 1.2e-10
res.rlgate n1 n9 = 36
res.rldrain n2 n5 = 10
res.rlsource n3 n7 = 1.2
m.mmed n16 n6 n8 n8 = model=mmedmod, l=1u, w=1u
m.mstrong n16 n6 n8 n8 = model=mstrongmod, l=1u, w=1u
m.mweak n16 n21 n8 n8 = model=mweakmod, l=1u, w=1u
res.rbreak n17 n18 = 1, tc1=8.3e-4,tc2=-8e-7
res.rdrain n50 n16 = 2.9e-3, tc1=5.5e-3,tc2=1.2e-5
res.rgate n9 n20 = 2.5
res.rslc1 n5 n51 = 1e-6, tc1=1e-4,tc2=1e-6
res.rslc2 n5 n50 = 1e3
res.rsource n8 n7 = 5.4e-3, tc1=1e-3,tc2=3e-6
res.rvthres n22 n8 = 1, tc1=-1.5e-3,tc2=-6e-6
res.rvtemp n18 n19 = 1, tc1=-1.8e-3,tc2=2e-7
sw_vcsp.s1a n6 n12 n13 n8 = model=s1amod
sw_vcsp.s1b n13 n12 n13 n8 = model=s1bmod
sw_vcsp.s2a n6 n15 n14 n13 = model=s2amod
sw_vcsp.s2b n13 n15 n14 n13 = model=s2bmod
v.vbat n22 n19 = dc=1
equations {
i (n51->n50) +=iscl
iscl: v(n51,n50) = ((v(n5,n51)/(1e-9+abs(v(n5,n51))))*((abs(v(n5,n51)*1e6/170))** 5))
}
}
18
22
+
-
6
8
+
-
19
8
+
-
17
18
6
8
+
-
5
8
+
-
RBREAK
RVTEMP
VBAT
RVTHRES
IT
17
18
19
22
12
13
15
S1A
S1B
S2A
S2B
CA
CB
EGS
EDS
14
8
13
8
14
13
MWEAK
EBREAK
DBODY
RSOURCE
SOURCE
11
7
3
LSOURCE
RLSOURCE
CIN
RDRAIN
EVTHRES
16
21
8
MMED
MSTRO
DRAIN
2
LDRAIN
RLDRAIN
DBREAK
DPLCAP
ISCL
RSLC1
10
5
51
50
RSLC2
1
GATE
RGATE
EVTEMP
9
ESG
LGATE
RLGATE
20
+
-
+
-
+
-
6


Similar Part No. - FDS8880_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8880 FAIRCHILD-FDS8880 Datasheet
259Kb / 12P
   N-Channel PowerTrench MOSFET
logo
Analog Devices
FDS8880 AD-FDS8880 Datasheet
853Kb / 32P
   Dual 5 A, 20 V Synchronous Step-Down
REV. 0
FDS8880 AD-FDS8880 Datasheet
843Kb / 28P
   20 V, 6 A Synchronous Step-Down
REV. 0
FDS8880 AD-FDS8880 Datasheet
2Mb / 32P
   Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
REV. A
More results

Similar Description - FDS8880_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDMS86350 FAIRCHILD-FDMS86350 Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8443_F085 FAIRCHILD-FDB8443_F085 Datasheet
621Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8896_F085 FAIRCHILD-FDB8896_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDBL9401_F085 FAIRCHILD-FDBL9401_F085 Datasheet
385Kb / 6P
   N-Channel PowerTrench짰 MOSFET
FDD770N15A FAIRCHILD-FDD770N15A Datasheet
639Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDMS7698 FAIRCHILD-FDMS7698 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB075N15A FAIRCHILD-FDB075N15A Datasheet
311Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDP100N10 FAIRCHILD-FDP100N10 Datasheet
454Kb / 8P
   N-Channel PowerTrench짰 MOSFET
FDD8444L FAIRCHILD-FDD8444L Datasheet
282Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDS8896 FAIRCHILD-FDS8896_07 Datasheet
622Kb / 12P
   N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com