Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDZ191P_0612 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDZ191P_0612
Description  P-Channel 1.5V PowerTrench짰 WL-CSP MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDZ191P_0612 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDZ191P_0612 Datasheet HTML 1Page - Fairchild Semiconductor FDZ191P_0612 Datasheet HTML 2Page - Fairchild Semiconductor FDZ191P_0612 Datasheet HTML 3Page - Fairchild Semiconductor FDZ191P_0612 Datasheet HTML 4Page - Fairchild Semiconductor FDZ191P_0612 Datasheet HTML 5Page - Fairchild Semiconductor FDZ191P_0612 Datasheet HTML 6Page - Fairchild Semiconductor FDZ191P_0612 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FDZ191P Rev.F1 (W)
www.fairchildsemi.com
5
Figure 12. Transient Thermal Response Curve
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
0.01
0.1
1
DUTY CYCLE-DESCENDING ORDER
t, RECTANGULAR PULSE DURATION (s)
D = 0.5
0.2
0.1
0.05
0.02
0.01
SINGLE PULSE
2
PDM
t1
t2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJA x RθJA + TA
Typical Characteristics T
J = 25°C unless otherwise noted


Similar Part No. - FDZ191P_0612

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDZ191P FAIRCHILD-FDZ191P Datasheet
352Kb / 7P
   P-Channel 1.5V PowerTrenchTM WL-CSP MOSFET
More results

Similar Description - FDZ191P_0612

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDZ191P FAIRCHILD-FDZ191P Datasheet
352Kb / 7P
   P-Channel 1.5V PowerTrenchTM WL-CSP MOSFET
FDZ1905PZ FAIRCHILD-FDZ1905PZ Datasheet
297Kb / 6P
   Common Drain P-Channel 1.5V PowerTrench짰 WL-CSP MOSFET -20V -3A, 123m廓
FDZ391P FAIRCHILD-FDZ391P Datasheet
256Kb / 7P
   P-Channel 1.5 V PowerTrench짰 Thin WL-CSP MOSFET
FDZ372NZ FAIRCHILD-FDZ372NZ Datasheet
297Kb / 7P
   N-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET
FDZ193P FAIRCHILD-FDZ193P Datasheet
260Kb / 7P
   P-Channel 1.7V PowerTrench WL-CSP MOSFET -20V, -1A, 90mohm
FDZ375P FAIRCHILD-FDZ375P_10 Datasheet
297Kb / 6P
   P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.7 A, 78 m廓
FDZ371PZ FAIRCHILD-FDZ371PZ Datasheet
274Kb / 7P
   P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.7 A, 75 m廓
FDZ375P FAIRCHILD-FDZ375P Datasheet
297Kb / 6P
   P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.7 A, 78 m廓
FDZ197PZ FAIRCHILD-FDZ197PZ Datasheet
294Kb / 7P
   P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.8 A, 64 m廓
FDME910PZT FAIRCHILD-FDME910PZT Datasheet
271Kb / 7P
   P-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com