Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIN12AC Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FIN12AC
Description  Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN12AC Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FIN12AC Datasheet HTML 4Page - Fairchild Semiconductor FIN12AC Datasheet HTML 5Page - Fairchild Semiconductor FIN12AC Datasheet HTML 6Page - Fairchild Semiconductor FIN12AC Datasheet HTML 7Page - Fairchild Semiconductor FIN12AC Datasheet HTML 8Page - Fairchild Semiconductor FIN12AC Datasheet HTML 9Page - Fairchild Semiconductor FIN12AC Datasheet HTML 10Page - Fairchild Semiconductor FIN12AC Datasheet HTML 11Page - Fairchild Semiconductor FIN12AC Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN12AC Rev. 1.1.2
8
Figure 5. Unidirectional 8-bit RGB Interface (10MHz to 40MHz Operation)
Figure 6. Unidirectional 8-bit YUV Sensor with Master Clock on Base (10MHz to 40MHz Operation)
Note:
VDD1 does not have to equal VDD2.
CKREF
PIXEL_CLK
PWRDWN
PIXEL_CLK
VDDP
VDD1
VDD1
2.775
VDD2
VDDP
VDDA
VDDA
VDDS
VDDS
Baseband
Processor
FIN12AC
FIN12AC
LCD
Display
Module
STROBE
CKSO+
CKSO-
DIRO
DSO+/DSI-
DSO-/DSI+
CKSI-
CKSI+
CKSI+
CKSI-
DSO-/DSI+
DSO+/DSI-
CKSO-
CKSO+
CKP
CKREF
STROBE
CKP
DP[8:1]
DATA[7:0]
DATA[7:0]
HSYNC
HSYNC
VSYNC
VSYNC
DP[9]
DP[10]
DP[12:11]
DP[8:1]
DP[9]
DP[10]
DP[12:11]
DIRI
DIRI
S1
S2
S1
S2
DIRO
Note:
VDD1 does not have to equal VDD2.
CKREF
PIXEL_CLK
MASTER_CLK
MASTER_CLK
PWRDWN
PIXEL_CLK
VDDP
VDD1
VDD2
2.775
VDD2
VDDP
VDDA
VDDA
VDDS
VDDS
Baseband
Processor
Camera
Interface
FIN12AC
FIN12AC
CMOS
Image
Sensor
STROBE
YUV[7:0]
DATA[7:0]
HSYNC
HSYNC
VSYNC
VSYNC
CKSO+
CKSO-
DIRO
DSO+/DSI-
DSO-/DSI+
CKSI-
CKSI+
CKSI+
CKSI-
DSO-/DSI+
DSO+/DSI-
CKSO-
CKSO+
CKP
CKREF
STROBE
CKP
MODE0
MODE1
DP[8:1]
DP[9]
DP[10]
DP[12:11]
DP[8:1]
DP[9]
DP[10]
DP[12:11]
DIRI
DIRI
S1
S2
S1
S2
DIRO


Similar Part No. - FIN12AC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN12AC FAIRCHILD-FIN12AC Datasheet
1Mb / 21P
   Low Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN12AC FAIRCHILD-FIN12AC Datasheet
514Kb / 24P
   uSerDes Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12ACGFX FAIRCHILD-FIN12ACGFX Datasheet
1Mb / 21P
   Low Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN12ACGFX FAIRCHILD-FIN12ACGFX Datasheet
514Kb / 24P
   uSerDes Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12ACMLX FAIRCHILD-FIN12ACMLX Datasheet
1Mb / 21P
   Low Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com