Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIN212AC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FIN212AC
Description  12-Bit Serializer Deserializer with Multiple Frequency Ranges
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN212AC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FIN212AC_08 Datasheet HTML 1Page - Fairchild Semiconductor FIN212AC_08 Datasheet HTML 2Page - Fairchild Semiconductor FIN212AC_08 Datasheet HTML 3Page - Fairchild Semiconductor FIN212AC_08 Datasheet HTML 4Page - Fairchild Semiconductor FIN212AC_08 Datasheet HTML 5Page - Fairchild Semiconductor FIN212AC_08 Datasheet HTML 6Page - Fairchild Semiconductor FIN212AC_08 Datasheet HTML 7Page - Fairchild Semiconductor FIN212AC_08 Datasheet HTML 8Page - Fairchild Semiconductor FIN212AC_08 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
May 2008
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN212AC Rev. 1.0.6
Click to see this datasheet
in Simplified Chinese!
FIN212AC
12-Bit Serializer Deserializer with Multiple Frequency Ranges
Features
Low Power Consumption
Low Power, Proprietary, CTL™ I/O Serial Interface
Wide PLL Input Frequency Range
Wide Parallel Supply Voltage Range: 1.65 to 3.6V
Low Power Core Operation: VDDS/A=2.5 to 3.6V
Built-in LV-CMOS Voltage Translation Capability
with no External Components
Adjustable Parallel Edge Rate
Operates as Serializer or Deserializer
Standby Power-Down Mode Support
Built-in Differential Termination
Applications
8-Bit LCD Displays for Cell Phones
8/10-Bit Cell Phone Camera Interface
8-Bit LCD Displays for Printers
Related Application Notes
AN-5058 µSerDes™ Family Frequently Asked
Questions
AN-5061 µSerDes™ Layout Guidelines
Description
The FIN212AC µSerDes™ is a low-power serializer /
deserializer optimized for use in cell phone displays and
camera paths. The device reduces a 12-bit data path to
four wires. The device can be configured as a serializer
or deserializer through the DIRI pin, minimizing
component
types
in
the
system.
For
camera
applications, an additional master clock can be passed
in the opposite direction of data flow.
The device utilizes Fairchild’s proprietary ultra-low
power, low-EMI technology. LV-CMOS parallel output
buffers have been implemented with slew rate control to
adjust for capacitive loading and to minimize EMI. The
device also supports an ultra-low power-down mode for
conserving power in battery-operated applications.
The device is available in a 5x5mm MLP package to
attach directly to a flex circuit, or in two choices of BGA,
where space constraints are a concern.
Ordering Information
Order Number
Operating
Temperature
Range
Package Description
Packing
Method
FIN212ACMLX
-30 to 70°C
32-Terminal Molded Leadless Package (MLP), Quad,
JEDEC MO-220, 5mm Square
Tape & Reel
FIN212ACGFX
-30 to 70°C
42-Ball Ultra Small-Scale Ball Grid Array (USS-BGA),
JEDEC MO-195, 3.5 x 4.5mm Wide, 0.5mm Ball Pitch
Tape & Reel
FIN212ACBFX
-30 to 70°C
36-Ball Ultra Small Scale Ball Grid Array (USS-BGA),
2.5mm Square, 0.4mm Ball Pitch (Preliminary)
Tape & Reel
All standard Fairchild Semiconductor products are RoHS compliant and many are also “GREEN” or going green.
For Fairchild’s definition of “green” please visit: http://www.fairchildsemi.com/company/green/rohs_green.html


Similar Part No. - FIN212AC_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN212ACBFX FAIRCHILD-FIN212ACBFX Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN212ACGFX FAIRCHILD-FIN212ACGFX Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN212ACMLX FAIRCHILD-FIN212ACMLX Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
More results

Similar Description - FIN212AC_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN212AC FAIRCHILD-FIN212AC Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN12AC FAIRCHILD-FIN12AC_08 Datasheet
642Kb / 21P
   Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12AC FAIRCHILD-FIN12AC Datasheet
1Mb / 21P
   Low Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN12AC FAIRCHILD-FIN12AC_06 Datasheet
514Kb / 24P
   uSerDes Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN24A FAIRCHILD-FIN24A Datasheet
1Mb / 20P
   Low Voltage 24-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
logo
Texas Instruments
SN75LVDT1422 TI-SN75LVDT1422 Datasheet
253Kb / 20P
[Old version datasheet]   14-BIT FULL DUPLEX SERIALIZER/DESERIALIZER
logo
Fairchild Semiconductor
FIN224C FAIRCHILD-FIN224C Datasheet
765Kb / 9P
   24-Bit Low-Power Serializer/Deserializer
FIN24AC FAIRCHILD-FIN24AC_07 Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
logo
Vitesse Semiconductor C...
VSC7145 VITESSE-VSC7145 Datasheet
746Kb / 2P
   Dual Speed 10-bit Serializer/Deserializer
logo
Fairchild Semiconductor
FIN224AC FAIRCHILD-FIN224AC_08 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com