Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQA13N50CF Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FQA13N50CF
Description  500V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA13N50CF Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FQA13N50CF_07 Datasheet HTML 1Page - Fairchild Semiconductor FQA13N50CF_07 Datasheet HTML 2Page - Fairchild Semiconductor FQA13N50CF_07 Datasheet HTML 3Page - Fairchild Semiconductor FQA13N50CF_07 Datasheet HTML 4Page - Fairchild Semiconductor FQA13N50CF_07 Datasheet HTML 5Page - Fairchild Semiconductor FQA13N50CF_07 Datasheet HTML 6Page - Fairchild Semiconductor FQA13N50CF_07 Datasheet HTML 7Page - Fairchild Semiconductor FQA13N50CF_07 Datasheet HTML 8Page - Fairchild Semiconductor FQA13N50CF_07 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.fairchildsemi.com
FQA13N50CF Rev. A1
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperatue
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
10
-1
10
0
10
1
10
-1
10
0
10
1
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.0 V
5.5 V
5.0 V
Bottom :
4.5 V
Notes :
1. 250us Pulse Test
2. T
C
= 25°C
V
DS
, Drain-Source Voltage [V]
246
8
10
10
-1
10
0
10
1
150°C
25°C
-55°C
Notes :
1. V
DS
= 40V
2. 250µs Pulse Test
V
GS
, Gate-Source Voltage [V]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
-1
10
0
10
1
150°C
Notes :
1. V
GS
= 0V
2. 250µs Pulse Test
25°C
V
SD
, Source-Drain voltage [V]
0
5
10
15
20
25
30
35
0.5
1.0
1.5
V
GS
= 20V
V
GS
= 10V
Note : T
J
= 25°C
I
D
, Drain Current [A]
10
-1
10
0
10
1
0
500
1000
1500
2000
2500
3000
C
iss
= C
gs
+ C
gd
(C
ds
= shorted)
C
oss
= C
ds
+ C
gd
C
rss
= C
gd
Notes ;
1. V
GS
= 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS
, Drain-Source Voltage [V]
0
1020
3040
50
0
2
4
6
8
10
12
V
DS
= 250V
V
DS
= 100V
V
DS
= 400V
Note : I
D
= 15A
Q
G
, Total Gate Charge [nC]


Similar Part No. - FQA13N50CF_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF Datasheet
640Kb / 8P
   500V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQA13N50CF ISC-FQA13N50CF Datasheet
362Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FQA13N50CF_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com