Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QSE156 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # QSE156
Description  Plastic Silicon OPTOLOGIC Photosensor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QSE156 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  QSE156 Datasheet HTML 1Page - Fairchild Semiconductor QSE156 Datasheet HTML 2Page - Fairchild Semiconductor QSE156 Datasheet HTML 3Page - Fairchild Semiconductor QSE156 Datasheet HTML 4Page - Fairchild Semiconductor QSE156 Datasheet HTML 5Page - Fairchild Semiconductor QSE156 Datasheet HTML 6Page - Fairchild Semiconductor QSE156 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
©1.0.0 Fairchild Semiconductor Corporation
www.fairchildsemi.com
QSE156/C, QSE157/C, QSE158/C, QSE159/C Rev. 1.0.0
6
C2
R2
R1
1
C
.1 uf
bypass
5V
GND
Pulse
Generator
V = 5V
f = 10 KHz
d.c. = 50%
O
1
R = 360
R = 180
2
1
C = 15 pf
C = 20 pf
2
stray wire capacitance
C and C include probe and
12
Fig. 8 Switching Speed Test Circuit
PLH
r
t
PHL
t
50%
90%
10%
OH
V
OL
V
10%
90%
50%
Output
VO
t
f
t
0 mA
OH
PHL
0 mA
t
V
PLH
50%
t
10%
90%
90%
10%
r
t
f
t
Output
O
V
OL
V
Fig. 9 Switching Times Definition for Buffers
Fig. 10 Switching Times Definition for Inverters


Similar Part No. - QSE156

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
QSE156 QT-QSE156 Datasheet
262Kb / 4P
   OPTOLOGIC
logo
Fairchild Semiconductor
QSE156 FAIRCHILD-QSE156 Datasheet
284Kb / 5P
   OPTOLOGIC?
QSE156 FAIRCHILD-QSE156 Datasheet
532Kb / 7P
   PLASTIC SILICON OPTOLOGIC PHOTOSENSOR
QSE156 FAIRCHILD-QSE156_04 Datasheet
532Kb / 7P
   PLASTIC SILICON OPTOLOGIC PHOTOSENSOR
More results

Similar Description - QSE156

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QSE156 FAIRCHILD-QSE156_04 Datasheet
532Kb / 7P
   PLASTIC SILICON OPTOLOGIC PHOTOSENSOR
QSE259 FAIRCHILD-QSE259 Datasheet
1Mb / 7P
   Plastic Silicon OPTOLOGIC
QSE156 FAIRCHILD-QSE156 Datasheet
284Kb / 5P
   OPTOLOGIC?
logo
QT Optoelectronics
QSA156 QT-QSA156 Datasheet
259Kb / 4P
   OPTOLOGIC
QSE156 QT-QSE156 Datasheet
262Kb / 4P
   OPTOLOGIC
logo
Fairchild Semiconductor
QSA156 FAIRCHILD-QSA156 Datasheet
282Kb / 5P
   OPTOLOGIC?
logo
Hamamatsu Corporation
C9051 HAMAMATSU-C9051 Datasheet
142Kb / 2P
   Photosensor amplifier
C2719 HAMAMATSU-C2719 Datasheet
477Kb / 6P
   Photosensor amplifier
logo
Panasonic Semiconductor
ON2175 PANASONIC-ON2175 Datasheet
28Kb / 1P
   Reflective Photosensor
CNB2001 PANASONIC-CNB2001 Datasheet
53Kb / 2P
   Reflective Photosensor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com