Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSUSB30 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSUSB30
Description  Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB30 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSUSB30_08 Datasheet HTML 1Page - Fairchild Semiconductor FSUSB30_08 Datasheet HTML 2Page - Fairchild Semiconductor FSUSB30_08 Datasheet HTML 3Page - Fairchild Semiconductor FSUSB30_08 Datasheet HTML 4Page - Fairchild Semiconductor FSUSB30_08 Datasheet HTML 5Page - Fairchild Semiconductor FSUSB30_08 Datasheet HTML 6Page - Fairchild Semiconductor FSUSB30_08 Datasheet HTML 7Page - Fairchild Semiconductor FSUSB30_08 Datasheet HTML 8Page - Fairchild Semiconductor FSUSB30_08 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB30 Rev. 1.1.6
September 2008
Click to see this datasheet
in Simplified Chinese!
FSUSB30
Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps)
Switch
Features
Low On Capacitance: 3.7pF (Typical)
Low On Resistance: 6.5Ω (Typical)
Low Power Consumption: 1µA (Maximum)
– 10µA Maximum ICCT over an Expanded Control
Voltage Range (VIN = 2.6V, VCC = 4.3V)
Wide -3dB Bandwidth, >720MHz
8KV ESD Protection
Power-Off Protection when VCC = 0V; D+/D- Pins can
Tolerate up to 5.5V
Packaged in:
– 10-lead MicroPak™ (1.6 x 2.1mm)
– 14-lead DQFN
– 10-lead MSOP
– 10-lead UMLP (1.4 x 1.8mm)
Applications
Cell phone, PDA, Digital Camera, and Notebook LCD
Monitor, TV, and Set-top Box
Related Application Notes
AN-6022 Using the FSUSB30 / FSUSB31 to Comply
with USB 2.0 Fault Condition Requirements
Description
The FSUSB30 is a low-power, two-port, high-speed USB
2.0 switch. Configured as a double-pole double-throw
(DPDT) switch, it is optimized for switching between two
high-speed (480Mbps) sources or a Hi-Speed and Full-
Speed (12Mbps) source. The FSUSB30 is compatible
with the requirements of USB2.0 and features an
extremely low on capacitance (CON) of 3.7pF. The wide
bandwidth of this device (720MHz), exceeds the band-
width needed to pass the third harmonic, resulting in sig-
nals with minimum edge and phase distortion. Superior
channel-to-channel crosstalk minimizes interference.
The FSUSB30 contains special circuitry on the D+/D-
pins which allows the device to withstand an overvoltage
condition when powered off. This device is also designed
to minimize current consumption even when the control
voltage applied to the S pin, is lower than the supply volt-
age (VCC). This feature is especially valuable to ultra-
portable applications such as cell phones, allowing for
direct interface with the general purpose I/Os of the
baseband processor. Other applications include switch-
ing and connector sharing in portable cell phones, PDAs,
digital cameras, printers, and notebook computers.
Ordering Information
For Fairchild’s definition of “green” Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.
Figure 1. Typical Application
MicroPak
™ is a trademark of Fairchild Semiconductor Corporation.
Order
Number
Package
Number
Product Code
Top Mark
Eco
Status
Package Description
FSUSB30L10X
MAC010A
FJ
RoHS
10-Lead MicroPak, 1.6 x 2.1mm
FSUSB30BQX
MLP014A
USB30
Green
14-Terminal Depopulated Quad Very-Thin Flat Pack
No Leads (DQFN), JEDEC MO-241, 2.5 x 3.0mm
FSUSB30MUX
MUA10A
FSUSB30
Green
10-Lead Molded Small Outline Package (MSOP),
JEDEC MO-187, 3.0mm Wide
FSUSB30UMX
MLP010A
GJ
Green
10-Lead, Quad, Ultrathin, MLP (UMLP) 1.4 x 1.8mm
USB2.0
Controller
Set Top Box
(STB) CPU
or
DSP
Processor
DVR or
Mass Storage
Controller
1D+
VCC
1D–
2D+
2D–
USB
Connector
FSUSB30
D+
D–
S
OE
Control


Similar Part No. - FSUSB30_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB30 FAIRCHILD-FSUSB30_07 Datasheet
941Kb / 20P
   Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
More results

Similar Description - FSUSB30_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB30 FAIRCHILD-FSUSB30_12 Datasheet
739Kb / 18P
   Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB22 FAIRCHILD-FSUSB22_08 Datasheet
552Kb / 12P
   Low-Power, 2-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31_08 Datasheet
539Kb / 14P
   Low-Power, Single-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31_07 Datasheet
726Kb / 15P
   Low-Power 1-Port Hi-Speed USB 2.0 (480Mbps) Switch
logo
ON Semiconductor
FSUSB30 ONSEMI-FSUSB30 Datasheet
750Kb / 19P
   Low-Power, Two-Port, High-Speed USB 2.0 Switch
April 2013 Rev. 1.1.8
logo
Fairchild Semiconductor
FSUSB30 FAIRCHILD-FSUSB30 Datasheet
953Kb / 17P
   Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_07 Datasheet
941Kb / 20P
   Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB22_0506 FAIRCHILD-FSUSB22_0506 Datasheet
833Kb / 11P
   Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23 Datasheet
334Kb / 12P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23_06 Datasheet
939Kb / 16P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com