Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7818CT Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # LM7818CT
Description  3-Terminal 1A Positive Voltage Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM7818CT Datasheet(HTML) 1 Page - Fairchild Semiconductor

  LM7818CT Datasheet HTML 1Page - Fairchild Semiconductor LM7818CT Datasheet HTML 2Page - Fairchild Semiconductor LM7818CT Datasheet HTML 3Page - Fairchild Semiconductor LM7818CT Datasheet HTML 4Page - Fairchild Semiconductor LM7818CT Datasheet HTML 5Page - Fairchild Semiconductor LM7818CT Datasheet HTML 6Page - Fairchild Semiconductor LM7818CT Datasheet HTML 7Page - Fairchild Semiconductor LM7818CT Datasheet HTML 8Page - Fairchild Semiconductor LM7818CT Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
©2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
LM78XX/LM78XXA Rev. 1.0
M
arch 2008
LM78XX/LM78XXA
3-Terminal 1A Positive Voltage Regulator
Features
Output Current up to 1A
Output Voltages of 5, 6, 8, 9, 10, 12, 15, 18, 24
Thermal Overload Protection
Short Circuit Protection
Output Transistor Safe Operating Area Protection
General Description
The LM78XX series of three terminal positive regulators
are available in the TO-220 package and with several
fixed output voltages, making them useful in a wide
range of applications. Each type employs internal current
limiting, thermal shut down and safe operating area pro-
tection, making it essentially indestructible. If adequate
heat sinking is provided, they can deliver over 1A output
current. Although designed primarily as fixed voltage
regulators, these devices can be used with external com-
ponents to obtain adjustable voltages and currents.
Ordering Information
Product Number
Output Voltage Tolerance
Package
Operating Temperature
LM7805CT
±4%
TO-220
-40°C to +125°C
LM7806CT
LM7808CT
LM7809CT
LM7810CT
LM7812CT
LM7815CT
LM7818CT
LM7824CT
LM7805ACT
±2%
0°C to +125°C
LM7806ACT
LM7808ACT
LM7809ACT
LM7810ACT
LM7812ACT
LM7815ACT
LM7818ACT
LM7824ACT


Similar Part No. - LM7818CT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM7818CT FAIRCHILD-LM7818CT Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
National Semiconductor ...
LM7818CT NSC-LM7818CT Datasheet
303Kb / 10P
   3-Terminal Positive Voltage Regulators
logo
Fairchild Semiconductor
LM7818CT FAIRCHILD-LM7818CT Datasheet
556Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
LM7818CT FAIRCHILD-LM7818CT Datasheet
850Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
LM7818CT FAIRCHILD-LM7818CT Datasheet
460Kb / 24P
   3-Terminal 1 A Positive Voltage Regulator
More results

Similar Description - LM7818CT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com