Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7805ACT Datasheet(PDF) 24 Page - Fairchild Semiconductor

Part # LM7805ACT
Description  3-Terminal 1A Positive Voltage Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM7805ACT Datasheet(HTML) 24 Page - Fairchild Semiconductor

Back Button LM7805ACT Datasheet HTML 20Page - Fairchild Semiconductor LM7805ACT Datasheet HTML 21Page - Fairchild Semiconductor LM7805ACT Datasheet HTML 22Page - Fairchild Semiconductor LM7805ACT Datasheet HTML 23Page - Fairchild Semiconductor LM7805ACT Datasheet HTML 24Page - Fairchild Semiconductor LM7805ACT Datasheet HTML 25Page - Fairchild Semiconductor LM7805ACT Datasheet HTML 26Page - Fairchild Semiconductor LM7805ACT Datasheet HTML 27Page - Fairchild Semiconductor LM7805ACT Datasheet HTML 28Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
24
www.fairchildsemi.com
LM78XX/LM78XXA Rev. 1.0
Figure 13. Adjustable Output Regulator (7V to 30V)
Figure 14. High Current Voltage Regulator
Figure 15. High Output Current with Short Circuit Protection
LM741
-
+
2
3
6
4
2
3
1
0.33
µF
CI
Input
Output
0.1
µF
CO
LM7805
10k
IRI ≥ 5 IQ
VO = VXX(1+R2/R1)+IQR2
3
2
1
LM78XX
Output
Input
R1
3
0.33µF
IREG
0.1µF
IO
IQ1
IO = IREG + BQ1 (IREG–VBEQ1/R1)
Q1 BD536
R1 =
VBEQ1
IREG–IQ1 BQ1
LM78XX
Output
0.1µF
0.33µF
R1
3
3
2
1
Q1
Input
Q2
Q1 = TIP42
Q2 = TIP42
RSC =
ISC
VBEQ2
RSC


Similar Part No. - LM7805ACT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM7805ACT FAIRCHILD-LM7805ACT Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
LM7805ACT FAIRCHILD-LM7805ACT Datasheet
556Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
LM7805ACT FAIRCHILD-LM7805ACT Datasheet
850Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
LM7805ACT FAIRCHILD-LM7805ACT Datasheet
460Kb / 24P
   3-Terminal 1 A Positive Voltage Regulator
LM7805ACT FAIRCHILD-LM7805ACT Datasheet
1Mb / 28P
   3-Terminal 1A Positive Voltage Regulator
More results

Similar Description - LM7805ACT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com