Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM5Z4V7 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MM5Z4V7
Description  Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM5Z4V7 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MM5Z4V7 Datasheet HTML 1Page - Fairchild Semiconductor MM5Z4V7 Datasheet HTML 2Page - Fairchild Semiconductor MM5Z4V7 Datasheet HTML 3Page - Fairchild Semiconductor MM5Z4V7 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MM5Z2V4 - MM5Z75V Rev. 1.0
2
Electrical Characteristics T
A=25°C unless otherwise noted
NOTES:
1) The Zener Voltage (VZ) is tested under pulse condition of 10mS.
2) The Zener impedance is derived from the 60-cycle AC voltage, which results when an AC current having an RMS value equal to 10% of the DC Zener current (IZT or IZK) is
superimposed to IZT or IZK.
Device
Type
Device
Marking
VZ (V) @ IZT
ZZT(Ω)
@ IZT
IZT
(mA)
ZZK(Ω)
@ IZK
IZK
(mA)
IR(μA)
@ VR
VR(V)
Min.
Typ.
Max.
Max.
-
Max.
-
Max
-
MM5Z2V4
50
2.2
2.4
2.6
100
5
1000
1
50
1
MM5Z2V7
51
2.5
2.7
2.9
100
5
1000
1
20
1
MM5Z3V0
52
2.8
3.0
3.2
100
5
1000
1
10
1
MM5Z3V3
53
3.1
3.3
3.5
95
5
1000
1
5
1
MM5Z3V6
54
3.4
3.6
3.8
90
5
1000
1
5
1
MM5Z3V9
55
3.7
3.9
4.1
90
5
1000
1
3
1
MM5Z4V3
56
4.0
4.3
4.6
90
5
1000
1
3
1
MM5Z4V7
57
4.4
4.7
5.0
80
5
800
1
3
2
MM5Z5V1
58
4.8
5.1
5.4
60
5
500
1
2
2
MM5Z5V6
59
5.2
5.6
6.0
40
5
200
1
1
2
MM5Z6V2
5A
5.8
6.2
6.6
10
5
100
1
3
4
MM5Z6V8
5B
6.4
6.8
7.2
15
5
160
1
2
4
MM5Z7V5
5C
7.0
7.5
7.9
15
5
160
1
1
5
MM5Z8V2
5D
7.7
8.2
8.7
15
5
160
1
0.7
5
MM5Z9V1
5E
8.5
9.1
9.6
15
5
160
1
0.2
7
MM5Z10V
5F
9.4
10
10.6
20
5
160
1
0.1
8
MM5Z11V
5G
10.4
11
11.6
20
5
160
1
0.1
8
MM5Z12V
5H
11.4
12
12.7
25
5
80
1
0.1
8
MM5Z13V
5J
12.4
13
14.1
30
5
80
1
0.1
8
MM5Z15V
5K
14.3
15
15.8
30
5
80
1
0.05
10.5
MM5Z16V
5L
15.3
16
17.1
40
5
80
1
0.05
11.2
MM5Z18V
5M
16.8
18
19.1
45
5
80
1
0.05
12.6
MM5Z20V
5N
18.8
20
21.2
55
5
100
1
0.05
14.0
MM5Z22V
5P
20.8
22
23.3
55
5
100
1
0.05
15.4
MM5Z24V
5R
22.8
24
25.6
70
5
120
1
0.05
16.8
MM5Z27V
5S
25.1
27
28.9
80
2
300
0.5
0.05
18.9
MM5Z30V
5T
28
30
32
80
2
300
0.5
0.05
21.0
MM5Z33V
5U
31
33
35
80
2
300
0.5
0.05
23.2
MM5Z36V
5V
34
36
38
90
2
500
0.5
0.05
25.2
MM5Z39V
5X
37
39
41
130
2
500
0.5
0.05
27.3
MM5Z43V
5Y
40
43
46
150
2
500
0.5
0.05
30.1
MM5Z47V
5Z
44
47
50
170
2
500
0.5
0.05
32.9
MM5Z51V
5
48
51
54
180
2
500
0.5
0.05
35.7
MM5Z56V
5
=
52
56
60
200
2
500
0.5
0.05
39.2
MM5Z62V
5
58
62
66
215
2
500
0.5
0.05
43.4
MM5Z68V
5
>
64
68
72
240
2
500
0.5
0.05
47.6
MM5Z75V
5
<
70
75
79
255
2
500
0.5
0.05
52.5


Similar Part No. - MM5Z4V7

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MM5Z4V7 EIC-MM5Z4V7 Datasheet
109Kb / 2P
   ZENER DIODES
logo
Nanjing International G...
MM5Z4V7 DGNJDZ-MM5Z4V7 Datasheet
102Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Shanghai Leiditech Elec...
MM5Z4V7 LEIDITECH-MM5Z4V7 Datasheet
518Kb / 4P
   Standard Zener Breakdown Voltage Range 2.0 V to 75 V
logo
Weitron Technology
MM5Z4V7 WEITRON-MM5Z4V7 Datasheet
439Kb / 3P
   Surface Mount Zener Diodes
logo
Nanjing International G...
MM5Z4V7 DGNJDZ-MM5Z4V7 Datasheet
115Kb / 4P
   SILICON PLANAR ZENER DIODES
More results

Similar Description - MM5Z4V7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com