Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPFD54126B Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # SPFD54126B
Description  528-CHANNEL DRIVER WITH SYSTEM-ON-CHIP (SOC) FOR COLOR AMORPHOUS TFT LCD
Download  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SPFD54126B Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SPFD54126B Datasheet HTML 6Page - List of Unclassifed Manufacturers SPFD54126B Datasheet HTML 7Page - List of Unclassifed Manufacturers SPFD54126B Datasheet HTML 8Page - List of Unclassifed Manufacturers SPFD54126B Datasheet HTML 9Page - List of Unclassifed Manufacturers SPFD54126B Datasheet HTML 10Page - List of Unclassifed Manufacturers SPFD54126B Datasheet HTML 11Page - List of Unclassifed Manufacturers SPFD54126B Datasheet HTML 12Page - List of Unclassifed Manufacturers SPFD54126B Datasheet HTML 13Page - List of Unclassifed Manufacturers SPFD54126B Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 232 page
background image
P
Prre
elliim
miin
na
arry
y
SPFD54126B
© ORISE Technology Co., Ltd.
Proprietary & Confidential
10
Apr. 25, 2006
Preliminary Version: 0.1
5. SIGNAL DESCRIPTIONS
Signal
Pin No.
I/O
Connected with
Function
System Configuration Input Signal
P68, IM2~0
4
I
DGND/ VDDI
Select system interface mode.
P68
IM2
IM1
IM0
0
0
-
-
3-Pin Serial interface
0
1
0
0
8080 MCU 8-bits Parallel interface
0
1
0
1
8080 MCU 16-bits Parallel interface
0
1
1
0
8080 MCU 9-bits Parallel interface
0
1
1
1
8080 MCU 18-bits Parallel interface
1
0
-
-
3-Pin Serial interface
1
1
0
0
6800 MCU 8-bits Parallel interface
1
1
0
1
6800 MCU 16-bits Parallel interface
1
1
1
0
6800 MCU 9-bits Parallel interface
1
1
1
1
6800 MCU 18-bits Parallel interface
Must connect to the GND or VDDI level when not used.
RESX
1
I
MPU or
external
RC circuit
Reset pin. This is an active low signal.
EXTC
1
I
DGND/ VDDI
Extend command set access
Low: Extend command set is not accessible.
High: Extend command set is accessible.
If this is not used. Open it (This pin is internally pull low).
GM1~0
2
I
DGND/ VDDI
Resolution selection:
GM1
GM0
Resolution
0
0
176*RGB*220
0
1
176*RGB*176
1
0
Reserved
1
1
176*RGB*132
RCM1~0
2
I
DGND/ VDDI
Interface selection:
RCM1
RCM0
Interface
0
0
MCU Interface
0
1
MCU Interface
1
0
RGB Interface
1
1
RGB Interface
IDM
1
I
MCU
In RGB interface mode:
(a) Low: Normal Display.
(b) High: Idle Mode (8-color mode).
This pin can be only used when RGB mode is selected.
LCM
2
I
DGND/ VDDI
Liquid Crystal Type selection:
LCM1
LCM0
LC type selection
0
0
Normally black type1
0
1
Normally white type1
Evaluation Only. Created with Aspose.Pdf.Kit. Copyright 2002-2005 Aspose Pty Ltd


Similar Part No. - SPFD54126B

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
SPF WELWYN-SPF Datasheet
629Kb / 2P
   General-Purpose Failsafe Moulded Wirewound Resistors
logo
Crydom Inc.,
SPF CRYDOM-SPF Datasheet
477Kb / 4P
   PCB Mount
SPF CRYDOM-SPF Datasheet
625Kb / 5P
   PCB Mount
logo
Littelfuse
SPF LITTELFUSE-SPF Datasheet
462Kb / 6P
   SPF SERIES SOLAR FUSES
Rev: 113021
logo
List of Unclassifed Man...
SPF-01T-2.5C ETC2-SPF-01T-2.5C Datasheet
232Kb / 8P
   Crimping tools and machines
More results

Similar Description - SPFD54126B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OTM8009A ETC1-OTM8009A Datasheet
12Mb / 318P
   1140-channel 8-bit Source Driver and 864 Gate Driver with System-on-chip for Color Amorphous TFT-LCDs
logo
Sitronix Technology Co....
SC7283 SITRONIX-SC7283 Datasheet
2Mb / 89P
   System-On-Chip Driver for 480RGBx272 TFT LCD
Version 1.0 2018/11
ST7282T2 SITRONIX-ST7282T2 Datasheet
1Mb / 77P
   720x544 System-On-Chip Driver for 480RGBx272 TFT LCD
Version 1.2 2016/03
ST7701S SITRONIX-ST7701S Datasheet
3Mb / 306P
   16.7M-color System-on-Chip (SOC) driver LSI designed for small and medium sizes of TFT LCD display
Version 0.1 2016/12
logo
Renesas Technology Corp
HD66789 RENESAS-HD66789 Datasheet
1Mb / 156P
   528-channel, One-chip Driver for Amorphous TFT Panels with 262,144-color display RAM, Power Supply Circuit, and Gate Circuit
logo
NEC
UPD161623 NEC-UPD161623 Datasheet
536Kb / 83P
   528 OUTPUT TFT-LCD SOURCE DRIVER WITH RAM
logo
List of Unclassifed Man...
ILI9881C ETC-ILI9881C Datasheet
7Mb / 320P
   Amorphous TFT LCD Single-Chip Driver 800(RGB) x 1280 Resolution, 16.7M-color Without Internal GRAM
V092
logo
Sharp Corporation
LH79525 SHARP-LH79525 Datasheet
132Kb / 2P
   16/32-bit System-on-Chip with Color LCD Controller
logo
List of Unclassifed Man...
NT156FHM-N41 ETC2-NT156FHM-N41 Datasheet
1Mb / 32P
   TFT LCD module using amorphous silicon
logo
Sitronix Technology Co....
ST7789H2 SITRONIX-ST7789H2 Datasheet
3Mb / 314P
   single-chip controller/driver for 262K-color, graphic type TFT-LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com