Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD6680AS Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FDD6680AS
Description  30V N-Channel PowerTrench짰 SyncFET?
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6680AS Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FDD6680AS_08 Datasheet HTML 1Page - Fairchild Semiconductor FDD6680AS_08 Datasheet HTML 2Page - Fairchild Semiconductor FDD6680AS_08 Datasheet HTML 3Page - Fairchild Semiconductor FDD6680AS_08 Datasheet HTML 4Page - Fairchild Semiconductor FDD6680AS_08 Datasheet HTML 5Page - Fairchild Semiconductor FDD6680AS_08 Datasheet HTML 6Page - Fairchild Semiconductor FDD6680AS_08 Datasheet HTML 7Page - Fairchild Semiconductor FDD6680AS_08 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
FDD6680AS Rev A1 (X)
Typical Characteristics (continued)
SyncFET Schottky Body Diode
Characteristics
Fairchild’s SyncFET process embeds a Schottky diode
in parallel with PowerTrench MOSFET.
This diode
exhibits similar characteristics to a discrete external
Schottky diode in parallel with a MOSFET. Figure 12
shows the reverse recovery characteristic of the
FDD6680AS.
Figure 12. FDD6680AS SyncFET body diode
reverse recovery characteris
For comparison purposes, Figure 13 shows the
reverse recovery characteristics of the body diode
of an equivalent size MOSFET produced without
SyncFET (FDD6680).
Schottky barrie diodes exhibit significant leakage at
high temperature and high reverse voltage. This will
increase the power in the device.
0.000001
0.00001
0.0001
0.001
0.01
0.1
0
5
10
15
20
25
30
VDS, REVERSE VOLTAGE (V)
TA = 125
oC
TA = 25
oC
TA = 100
oC
Figure 14. SyncFET body diode reverse
leakage versus drain-source voltage and
temperature.
Figure 13. Non-SyncFET (FDD6680) body
diode reverse recovery characteristic.
10nS/div
10nS/div


Similar Part No. - FDD6680AS_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD6680AS_NL FAIRCHILD-FDD6680AS_NL Datasheet
123Kb / 8P
   30V N-Channel PowerTrench SyncFET
More results

Similar Description - FDD6680AS_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6299S FAIRCHILD-FDS6299S_07 Datasheet
603Kb / 6P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6670AS FAIRCHILD-FDS6670AS_08 Datasheet
748Kb / 7P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6688AS FAIRCHILD-FDS6688AS Datasheet
789Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6676AS FAIRCHILD-FDS6676AS_08 Datasheet
846Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6690AS FAIRCHILD-FDS6690AS_08 Datasheet
759Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDP6670AS FAIRCHILD-FDP6670AS_08 Datasheet
789Kb / 7P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6676AS_0511 FAIRCHILD-FDS6676AS_0511 Datasheet
1Mb / 8P
   30V N-Channel PowerTrench짰 SyncFET
FDS8672S FAIRCHILD-FDS8672S Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 SyncFET??30V, 18A, 4.8m廓
FDMS8672AS FAIRCHILD-FDMS8672AS Datasheet
243Kb / 8P
   N-Channel PowerTrench짰 SyncFET 30V, 28A, 5.0m廓
FDMS8660AS FAIRCHILD-FDMS8660AS Datasheet
235Kb / 8P
   N-Channel PowerTrench짰 SyncFET 30V, 49A, 2.1m廓
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com