Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD8876 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDD8876
Description  N-Channel PowerTrench짰 MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD8876 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDD8876_08 Datasheet HTML 1Page - Fairchild Semiconductor FDD8876_08 Datasheet HTML 2Page - Fairchild Semiconductor FDD8876_08 Datasheet HTML 3Page - Fairchild Semiconductor FDD8876_08 Datasheet HTML 4Page - Fairchild Semiconductor FDD8876_08 Datasheet HTML 5Page - Fairchild Semiconductor FDD8876_08 Datasheet HTML 6Page - Fairchild Semiconductor FDD8876_08 Datasheet HTML 7Page - Fairchild Semiconductor FDD8876_08 Datasheet HTML 8Page - Fairchild Semiconductor FDD8876_08 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
©200
8 Fairchild Semiconductor Corporation
FDD8876 / FDU8876 Rev. A
3
Figure 11. Normalized Gate Threshold Voltage vs
Junction Temperature
Figure 12. Normalized Drain to Source
Breakdown Voltage vs Junction Temperature
Figure 13. Capacitance vs Drain to Source
Voltage
Figure 14. Gate Charge Waveforms for Constant
Gate Current
Typical Characteristics T
C = 25°C unless otherwise noted
0.4
0.6
0.8
1.0
1.2
-80
-40
0
40
80
120
160
200
VGS = VDS, ID = 250µA
TJ, JUNCTION TEMPERATURE (
oC)
0.90
0.95
1.00
1.05
1.10
-80
-40
0
40
80
120
160
200
TJ, JUNCTION TEMPERATURE (
oC)
ID = 250µA
100
1000
0.1
1
10
5000
30
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 0V, f = 1MHz
CISS = CGS + CGD
COSS ≅ CDS + CGD
CRSS = CGD
0
2
4
6
8
10
0
5
10
15
20
25
30
Qg, GATE CHARGE (nC)
VDD = 15V
ID = 35A
ID = 5A
WAVEFORMS IN
DESCENDING ORDER:


Similar Part No. - FDD8876_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8876 FAIRCHILD-FDD8876 Datasheet
272Kb / 11P
   N-Channel PowerTrench MOSFET
logo
Inchange Semiconductor ...
FDD8876 ISC-FDD8876 Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDD8876_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDMS86350 FAIRCHILD-FDMS86350 Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8443_F085 FAIRCHILD-FDB8443_F085 Datasheet
621Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8896_F085 FAIRCHILD-FDB8896_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDBL9401_F085 FAIRCHILD-FDBL9401_F085 Datasheet
385Kb / 6P
   N-Channel PowerTrench짰 MOSFET
FDD770N15A FAIRCHILD-FDD770N15A Datasheet
639Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDMS7698 FAIRCHILD-FDMS7698 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB075N15A FAIRCHILD-FDB075N15A Datasheet
311Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDP100N10 FAIRCHILD-FDP100N10 Datasheet
454Kb / 8P
   N-Channel PowerTrench짰 MOSFET
FDD8444L FAIRCHILD-FDD8444L Datasheet
282Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDS8896 FAIRCHILD-FDS8896_07 Datasheet
622Kb / 12P
   N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com