Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

V827316K04S Datasheet(PDF) 6 Page - Mosel Vitelic, Corp

Part No. V827316K04S
Description  2.5 VOLT 16M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V827316K04S Datasheet(HTML) 6 Page - Mosel Vitelic, Corp

Back Button V827316K04S Datasheet HTML 2Page - Mosel Vitelic, Corp V827316K04S Datasheet HTML 3Page - Mosel Vitelic, Corp V827316K04S Datasheet HTML 4Page - Mosel Vitelic, Corp V827316K04S Datasheet HTML 5Page - Mosel Vitelic, Corp V827316K04S Datasheet HTML 6Page - Mosel Vitelic, Corp V827316K04S Datasheet HTML 7Page - Mosel Vitelic, Corp V827316K04S Datasheet HTML 8Page - Mosel Vitelic, Corp V827316K04S Datasheet HTML 9Page - Mosel Vitelic, Corp V827316K04S Datasheet HTML 10Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
V827316K04S Rev. 1.6 March 2002
MOSEL VITELIC
V827316K04S
DC Operating Conditions
(TA = 0 to 70°C, Voltage referenced to VSS = 0V)
Notes: 1. VDDQ must not exceed the level of VDD.
2. VIL (min) is acceptable -1.5V AC pulse width with ð 5ns of duration.
3. The value of VREF is approximately equal to 0.5VDDQ.
AC Operating Conditions
(TA = 0 to 70 °C, Voltage referenced to VSS = 0V)
Notes: 1. VID is the magnitude of the difference between the input level on CK and the input on CK.
2. The value of VIX is expected to equal 0.5*VDDQ of the transmitting device and must track variations in the DC level of the
same.
Parameter
Symbol
Min
Typ.
Max
Unit
Note
Power Supply Voltage
VDD
2.3
2.5
2.7
V
Power Supply Voltage
VDDQ
2.3
2.5
2.7
V
1
Input High Voltage
VIH
VREF + 0.15
-
VDDQ + 0.3
V
Input Low Voltage
VIL
-0.3
-
VREF - 0.15
V
2
I/O Termination Voltage
VTT
VREF - 0.04
VREF
VREF + 0.04
V
Reference Voltage
VREF
1.15
1.25
1.35
V
3
Input Leakage Current
II
-2
-
2
µA
Output Leakage Current
IOz
-5
-
5
µA
Output High Current (VOUT = 1.95V)
IOH
-16.8
-
-
mA
Output Low Current (VOUT = 0.35V)
IOL
16.8
-
-
mA
Parameter
Symbol
Min
Max
Unit
Note
Input High (Logic 1) Voltage, DQ, DQS and DM signals
VIH(AC)
VREF + 0.31
V
Input Low (Logic 0) Voltage, DQ, DQS and DM signals
VIL(AC)
VREF - 0.31
V
Input Differential Voltage, CK and CK inputs
VID(AC)
0.7
VDDQ + 0.6
V
1
Input Crossing Point Voltage, CK and CK inputs
VIX(AC)
0.5*VDDQ-0.2
0.5*VDDQ+0.2
V2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn