Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5987 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L5987
Description  3 A step-down switching regulator
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5987 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L5987 Datasheet HTML 4Page - STMicroelectronics L5987 Datasheet HTML 5Page - STMicroelectronics L5987 Datasheet HTML 6Page - STMicroelectronics L5987 Datasheet HTML 7Page - STMicroelectronics L5987 Datasheet HTML 8Page - STMicroelectronics L5987 Datasheet HTML 9Page - STMicroelectronics L5987 Datasheet HTML 10Page - STMicroelectronics L5987 Datasheet HTML 11Page - STMicroelectronics L5987 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
Functional description
L5987 - L5987A
8/42
5
Functional description
The L5987 is based on a “voltage mode”, constant frequency control. The output voltage
VOUT is sensed by the feedback pin (FB) compared to an internal reference (0.6 V) providing
an error signal that, compared to a fixed frequency sawtooth, controls the on and off time of
the power switch.
The main internal blocks are shown in the block diagram in Figure 2. They are:
A fully integrated oscillator that provides sawtooth to modulate the duty cycle and the
synchronization signal. Its switching frequency can be adjusted by an external resistor.
The voltage and frequency feed forward are implemented.
The soft-start circuitry to limit inrush current during the start up phase.
The voltage mode error amplifier
The pulse width modulator and the relative logic circuitry necessary to drive the internal
power switch.
The High-side driver for embedded P-channel power MOSFET switch.
The peak current limit sensing block, to handle over load and short circuit conditions.
A voltage regulator and internal reference. It supplies internal circuitry and provides a
fixed internal reference.
A voltage monitor circuitry (UVLO) that checks the input and internal voltages.
A thermal shutdown block, to prevent thermal run away.
Figure 2.
Block diagram


Similar Part No. - L5987

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5980 STMICROELECTRONICS-L5980 Datasheet
1Mb / 37P
   0.7A step-down switching regulator
L5980 STMICROELECTRONICS-L5980 Datasheet
1Mb / 37P
   0.7 A step-down switching regulator
L5980 STMICROELECTRONICS-L5980 Datasheet
1Mb / 37P
   0.7 A step-down switching regulator
L5980TR STMICROELECTRONICS-L5980TR Datasheet
1Mb / 37P
   0.7A step-down switching regulator
L5980TR STMICROELECTRONICS-L5980TR Datasheet
1Mb / 37P
   0.7 A step-down switching regulator
More results

Similar Description - L5987

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7981ATR STMICROELECTRONICS-L7981ATR Datasheet
1Mb / 44P
   3 A step-down switching regulator
L7986TA STMICROELECTRONICS-L7986TA Datasheet
784Kb / 43P
   3 A step-down switching regulator
L7981ATR STMICROELECTRONICS-L7981ATR Datasheet
1Mb / 44P
   3 A step-down switching regulator
L7986TR STMICROELECTRONICS-L7986TR Datasheet
1Mb / 43P
   3 A step-down switching regulator
ST1S40 STMICROELECTRONICS-ST1S40_V01 Datasheet
849Kb / 30P
   3 A DC step-down switching regulator
August 2019
ST1S40 STMICROELECTRONICS-ST1S40 Datasheet
1Mb / 29P
   3 A DC step-down switching regulator
ST1S40IPUR STMICROELECTRONICS-ST1S40IPUR Datasheet
1Mb / 30P
   3 A DC step-down switching regulator
PM8903A STMICROELECTRONICS-PM8903A Datasheet
2Mb / 33P
   3 A step-down monolithic switching regulator
January 2013 Rev 1
PM8903 STMICROELECTRONICS-PM8903 Datasheet
2Mb / 34P
   3 A step-down monolithic switching regulator
ST1S31 STMICROELECTRONICS-ST1S31 Datasheet
1Mb / 35P
   3 A DC step-down switching regulator
March 2016 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com