Electronic Components Datasheet Search |
|
FDS8874 Datasheet(PDF) 1 Page - Fairchild Semiconductor |
|
FDS8874 Datasheet(HTML) 1 Page - Fairchild Semiconductor |
1 / 11 page tm April 2007 ©2007 Fairchild Semiconductor Corporation FDS8874 Rev. B www.fairchildsemi.com 1 SO-8 D D D D S S S G Pin 1 FDS8874 N-Channel PowerTrench® MOSFET 30V, 16A, 5.5m Ω Features rDS(on) = 5.5mΩ, VGS = 10V, ID = 16A rDS(on) = 7.0mΩ, VGS = 4.5V, ID = 15A High performance trench technology for extremely low rDS(on) Low gate charge High power and current handling capability 100% Rg tested RoHS Compliant General Description This N-Channel MOSFET has been designed specifically to improve the overall efficiency of DC/DC converters using either synchronous or conventional switching PWM controllers. It has been optimized for low gate charge, low rDS(on) and fast switching speed. Applications DC/DC converters 4 3 2 1 5 6 7 8 MOSFET Maximum Ratings T A = 25°C unless otherwise noted Thermal Characteristics Package Marking and Ordering Information Symbol Parameter Ratings Units VDSS Drain to Source Voltage 30 V VGS Gate to Source Voltage ±20 V ID Drain Current 16 A Continuous (TA = 25oC, VGS = 10V, RθJA = 50oC/W) Continuous (TA = 25oC, VGS = 4.5V, RθJA = 50oC/W) 15 A Pulsed 115 A EAS Single Pulse Avalanche Energy (Note 1) 265 mJ PD Power dissipation 2.5 W Derate above 25oC20 mW/oC TJ, TSTG Operating and Storage Temperature -55 to 150 oC RθJC Thermal Resistance, Junction to Case (Note 2) 25 oC/W RθJA Thermal Resistance, Junction to Ambient (Note 2a) 50 oC/W RθJA Thermal Resistance, Junction to Ambient (Note 2b) 125 oC/W Device Marking Device Package Reel Size Tape Width Quantity FDS8874 FDS8874 SO-8 330mm 12mm 2500 units |
Similar Part No. - FDS8874 |
|
Similar Description - FDS8874 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |