Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6202PA62TH Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6202PA62TH
Description  High Voltage Positive Voltage Regulators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6202PA62TH Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6202PA62TH Datasheet HTML 1Page - Torex Semiconductor XC6202PA62TH Datasheet HTML 2Page - Torex Semiconductor XC6202PA62TH Datasheet HTML 3Page - Torex Semiconductor XC6202PA62TH Datasheet HTML 4Page - Torex Semiconductor XC6202PA62TH Datasheet HTML 5Page - Torex Semiconductor XC6202PA62TH Datasheet HTML 6Page - Torex Semiconductor XC6202PA62TH Datasheet HTML 7Page - Torex Semiconductor XC6202PA62TH Datasheet HTML 8Page - Torex Semiconductor XC6202PA62TH Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1/32
XC6202 Series
High Voltage Positive Voltage Regulators
■GENERAL DESCRIPTION
The XC6202 series are highly precise, low power consumption, high voltage input, positive voltage regulators manufactured
using CMOS and laser trimming technologies. The XC6202 consists of a current limiter circuit, a driver transistor, a precision
reference voltage and an error correction circuit.
Output voltage is selectable in 100mV steps from 1.8V ~ 18V.
The series are also compatible with low ESR ceramic
capacitors which give added output stability.
Since the current limiter circuit is built-in, the IC is protected against overshoot currents at such times of output shorts etc.
SOT-23 (150mW), SOT-89 (500mW), TO-92 (300mW), SOT-223 (1200mW) and USP-6B (100mW) packages are available.
■APPLICATIONS
●Battery powered equipment
●Reference voltage
●Cameras, video cameras
●Palmtops
■TYPICAL APPLICATION CIRCUIT
■FEATURES
Maximum Output Current
: 150mA (within Pd)
Maximum Operational Voltage
: 20V
Output Voltage Range
: 1.8V ~ 18V (0.1V increments)
Highly Accurate
:
±2%
Low Power Consumption
: 10
μA (TYP.)
Line Regulation
: 0.01% / V (TYP.)
Dropout Voltage
: 200mV @ 30mA
670mV@100mA
Operational Temperature Range : -40
℃ ~ 85℃
Low ESR Capacitor Compatible : Ceramic capacitor
Current Limiter Circuit Built-In
Small Packages
: SOT-23 (150mW),
SOT-89 (500mW),
TO-92 (300mW),
SOT-223 (1200mW),
USP-6B (100mW)
■TYPICAL PERFORMANCE
CHARACTERISTICS
ETR0302_001


Similar Part No. - XC6202PA62TH

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6202PA TOREX-XC6202PA Datasheet
2Mb / 31P
   High Voltage positive Voltage Regulators
More results

Similar Description - XC6202PA62TH

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6202 TOREX-XC6202 Datasheet
265Kb / 25P
   (High Voltage) Positive Voltage Regulators
XC6202 TOREX-XC6202_1 Datasheet
2Mb / 31P
   High Voltage positive Voltage Regulators
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com