Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

V827332K04S Datasheet(PDF) 3 Page - Mosel Vitelic, Corp

Part No. V827332K04S
Description  2.5 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V827332K04S Datasheet(HTML) 3 Page - Mosel Vitelic, Corp

  V827332K04S Datasheet HTML 1Page - Mosel Vitelic, Corp V827332K04S Datasheet HTML 2Page - Mosel Vitelic, Corp V827332K04S Datasheet HTML 3Page - Mosel Vitelic, Corp V827332K04S Datasheet HTML 4Page - Mosel Vitelic, Corp V827332K04S Datasheet HTML 5Page - Mosel Vitelic, Corp V827332K04S Datasheet HTML 6Page - Mosel Vitelic, Corp V827332K04S Datasheet HTML 7Page - Mosel Vitelic, Corp V827332K04S Datasheet HTML 8Page - Mosel Vitelic, Corp V827332K04S Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MOSEL VITELIC
V827332K04S
3
V827332K04S Rev.1.6 March 2002
Block Diagram
DQ4
DQ5
DQ6
DQ7
DQ0
DQ1
DQ2
DQ3
DM
I/O 7
I/O 6
I/O 1
I/O 0
D0
DM0
DM
D8
I/O 5
I/O 4
I/O 3
I/O 2
I/O 0
I/O 1
I/O 6
I/O 7
I/O 2
I/O 3
I/O 4
I/O 5
DQ12
DQ13
DQ14
DQ8
DQ9
DQ10
DQ11
DM
I/O 7
I/O 6
I/O 1
I/O 0
D1
DM
D9
I/O 5
I/O 4
I/O 3
I/O 0
I/O 1
I/O 6
I/O 7
I/O 2
I/O 3
I/O 4
DM1
DQ20
DQ21
DQ22
DQ23
DQ16
DQ17
DQ18
DQ19
DM
I/O 7
I/O 6
I/O 1
I/O 0
D2
DM
D10
I/O 5
I/O 4
I/O 3
I/O 2
I/O 0
I/O 1
I/O 6
I/O 7
I/O 2
I/O 3
I/O 4
I/O 5
DM2
DQ28
DQ29
DQ30
DQ31
DQ24
DQ25
DQ26
DQ27
DM
I/O 7
I/O 6
I/O 1
I/O 0
D3
DM
D11
I/O 5
I/O 4
I/O 3
I/O 2
I/O 0
I/O 1
I/O 6
I/O 7
I/O 2
I/O 3
I/O 4
I/O 5
DM3
DQ36
DQ37
DQ38
DQ39
DQ32
DQ33
DQ34
DQ35
DM
I/O 7
I/O 6
I/O 1
I/O 0
D4
DM4
DM
D12
I/O 5
I/O 4
I/O 3
I/O 2
I/O 0
I/O 1
I/O 6
I/O 7
I/O 2
I/O 3
I/O 4
I/O 5
DQ44
DQ45
DQ46
DQ47
DQ40
DQ41
DQ42
DQ43
DM
I/O 7
I/O 6
I/O 1
I/O 0
D5
DM
D13
I/O 5
I/O 4
I/O 3
I/O 2
I/O 0
I/O 1
I/O 6
I/O 7
I/O 2
I/O 3
I/O 4
I/O 5
DM5
DQ52
DQ53
DQ54
DQ55
DQ48
DQ49
DQ50
DQ51
DM
I/O 7
I/O 6
I/O 1
I/O 0
D6
DM
D14
I/O 5
I/O 4
I/O 3
I/O 2
I/O 0
I/O 1
I/O 6
I/O 7
I/O 2
I/O 3
I/O 4
I/O 5
DQ60
DQ61
DQ62
DQ63
DQ56
DQ57
DQ58
DQ59
DM
I/O 7
I/O 6
I/O 1
I/O 0
D7
DM
D15
I/O 5
I/O 4
I/O 3
I/O 2
I/O 0
I/O 1
I/O 6
I/O 7
I/O 2
I/O 3
I/O 4
I/O 5
DM7
A0 - A13
A0-A13: SDRAMs D0 - D15
A0
Serial PD
A1
A2
SA0
SA1
SA2
SCL
SDA
RAS
RAS: SDRAMs D0 - D15
CAS
CAS: SDRAMs D0 - D15
CKE0
CKE: SDRAMs D0 - D7
WE
WE: SDRAMs D0 - D15
CS0
CS1
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS
Clock Wiring
CK0/CK0
Clock
Input
SDRAMs
CK1/CK1
4 SDRAMs
6 SDRAMs
6 SDRAMs
CKE1
CKE: SDRAMs D8 - D15
BA0 - BA1
BA0-BA1: SDRAMs D0 - D15
DQS0
DQS
DQS4
DQS1
DQS5
DQS
DQS
DQS2
DQS
DQS
DQS3
DQS
DQS
DM6
DQS6
DQS7
DQ15
I/O 2
I/O 5
DQS
DQS
DQS
DQS
DQS
DQS
DQS
DQS
DQS
CK2/CK2
Notes:
1. DQ-to-I/O wiring is shown as recom-
mended but may be changed.
2. DQ/DQS/DM/CKE/S relationships must
be maintained as shown.
3. DQ, DQS, DM resistors: 22 Ohms.
4. VDDID strap connections
(for memory device VDD, VDDQ):
STRAP OUT (OPEN): VDD = VDDQ
STRAP IN (VSS): VDD
≠VDDQ.
CB4
CB5
CB6
CB7
CB0
CB1
CB2
CB3
DM
I/O 7
I/O 6
I/O 1
I/O 0
D8
DM
D17
I/O 5
I/O 4
I/O 3
I/O 2
I/O 0
I/O 1
I/O 6
I/O 7
I/O 2
I/O 3
I/O 4
I/O 5
DM8
CS
CS
DQS8
DQS
DQS
*Clock Net Wiring
Card
Edge
Dram1
Dram2
Dram4
Dram5
Dram6
R=120
Dram3
*(Cap.)
*(Cap.)
Cap will replace DRAM3,4
*If four DRAMs are loaded,
VSS
D0 - D15
D0 - D15
VDD/VDDQ
D0 - D15
D0 - D15
VREF
VDDID
Strap: see Note 4
0.1uF
0.1uF
0.1uF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn