Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP80N06 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDP80N06
Description  N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP80N06 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDP80N06 Datasheet HTML 1Page - Fairchild Semiconductor FDP80N06 Datasheet HTML 2Page - Fairchild Semiconductor FDP80N06 Datasheet HTML 3Page - Fairchild Semiconductor FDP80N06 Datasheet HTML 4Page - Fairchild Semiconductor FDP80N06 Datasheet HTML 5Page - Fairchild Semiconductor FDP80N06 Datasheet HTML 6Page - Fairchild Semiconductor FDP80N06 Datasheet HTML 7Page - Fairchild Semiconductor FDP80N06 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FDP80N06 Rev. A
www.fairchildsemi.com
2
Package Marking and Ordering Information T
C = 25
oC unless otherwise noted
Electrical Characteristics
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics
Drain-Source Diode Characteristics
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDP80N06
FDP80N06
TO-220
-
-
50
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250µA, VGS = 0V, TJ = 25
oC60
-
-
V
∆BV
DSS
/
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250µA, Referenced to 25
oC
-
0.075
-
V/oC
IDSS
Zero Gate Voltage Drain Current
VDS = 60V, VGS = 0V
-
-
1
µA
VDS = 48V, TC = 150
oC-
-
10
IGSS
Gate to Body Leakage Current
VGS = ±20V, VDS = 0V
-
-
±100
nA
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 250µA2.0
--
4.0
V
RDS(on)
Static Drain to Source On Resistance
VGS = 10V, ID = 40A
-
8.5
10
m
gFS
Forward Transconductance
VDS = 25V, ID = 40A
(Note 4)
-67
-
S
Ciss
Input Capacitance
VDS = 25V, VGS = 0V
f = 1MHz
-
2450
3190
pF
Coss
Output Capacitance
-
910
1190
pF
Crss
Reverse Transfer Capacitance
-
145
190
pF
td(on)
Turn-On Delay Time
VDD = 30V, ID = 80A
RG = 25Ω
(Note 4, 5)
-32
75
ns
tr
Turn-On Rise Time
-
259
528
ns
td(off)
Turn-Off Delay Time
-
136
282
ns
tf
Turn-Off Fall Time
-
113
236
ns
Qg(tot)
Total Gate Charge at 10V
VDS = 48V, ID = 80A
VGS = 10V
(Note 4, 5)
-57
74
nC
Qgs
Gate to Source Gate Charge
-
15
-
nC
Qgd
Gate to Drain “Miller” Charge
-
24
-
nC
IS
Maximum Continuous Drain to Source Diode Forward Current
-
-
80
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
320
A
VSD
Drain to Source Diode Forward Voltage
VGS = 0V, ISD = 80A
-
-
1.4
V
trr
Reverse Recovery Time
VGS = 0V, ISD = 80A
dIF/dt = 100A/µs
(Note 4)
-64
-
ns
Qrr
Reverse Recovery Charge
-
127
-
nC
Notes:
1: Repetitive Rating: Pulse width limited by maximum junction temperature
2: L = 0.15mH, IAS = 80A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
3: ISD ≤ 80A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4: Pulse Test: Pulse width
≤ 300µs, Duty Cycle ≤ 2%
5: Essentially Independent of Operating Temperature Typical Characteristics


Similar Part No. - FDP80N06

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDP80N06 ISC-FDP80N06 Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDP80N06

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com