Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP8443 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDP8443
Description  N-Channel PowerTrench짰 MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP8443 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDP8443 Datasheet HTML 1Page - Fairchild Semiconductor FDP8443 Datasheet HTML 2Page - Fairchild Semiconductor FDP8443 Datasheet HTML 3Page - Fairchild Semiconductor FDP8443 Datasheet HTML 4Page - Fairchild Semiconductor FDP8443 Datasheet HTML 5Page - Fairchild Semiconductor FDP8443 Datasheet HTML 6Page - Fairchild Semiconductor FDP8443 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FDP8443
Rev. A
www.fairchildsemi.com
3
Electrical Characteristics T
C = 25
oC unless otherwise noted
Switching Characteristics (V
GS = 10V)
Drain-Source Diode Characteristics
Notes:
1: Starting TJ = 25oC, L = 0.26mH, IAS = 64A.
2: Pulse width = 100s.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
ton
Turn-On Time
VDD = 20V, ID = 35A
VGS = 10V, RGS = 2Ω
-
-
58
ns
td(on)
Turn-On Delay Time
-
18.4
-
ns
tr
Rise Time
-
17.9
-
ns
td(off)
Turn-Off Delay Time
-
55
-
ns
tf
Fall Time
-
13.5
-
ns
toff
Turn-Off Time
-
-
109
ns
VSD
Source to Drain Diode Voltage
ISD = 35A
-
0.8
1.25
V
ISD = 15A
-
0.8
1.0
trr
Reverse Recovery Time
ISD = 35A, dISD/dt = 100A/μs
-42
55
ns
Qrr
Reverse Recovery Charge
-
48
62
nC
This product has been designed to meet the extreme test conditions and environment demanded by the automotive industry. For
a copy of the requirements, see AEC Q101 at: http://www.aecouncil.com/
All Fairchild Semiconductor products are manufactured, assembled and tested under ISO9000 and QS9000 quality systems
certification.


Similar Part No. - FDP8443

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDP8443 ISC-FDP8443 Datasheet
327Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
FDP8443-F085 ONSEMI-FDP8443-F085 Datasheet
555Kb / 8P
   N-Channel PowerTrench® MOSFET 40V, 80A, 3.5mΩ
September-2017, Rev. 1
logo
Fairchild Semiconductor
FDP8443_F085 FAIRCHILD-FDP8443_F085 Datasheet
454Kb / 7P
   N-Channel PowerTrench MOSFET
More results

Similar Description - FDP8443

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDMS86350 FAIRCHILD-FDMS86350 Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8443_F085 FAIRCHILD-FDB8443_F085 Datasheet
621Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8896_F085 FAIRCHILD-FDB8896_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDBL9401_F085 FAIRCHILD-FDBL9401_F085 Datasheet
385Kb / 6P
   N-Channel PowerTrench짰 MOSFET
FDD770N15A FAIRCHILD-FDD770N15A Datasheet
639Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDMS7698 FAIRCHILD-FDMS7698 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB075N15A FAIRCHILD-FDB075N15A Datasheet
311Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDP100N10 FAIRCHILD-FDP100N10 Datasheet
454Kb / 8P
   N-Channel PowerTrench짰 MOSFET
FDD8444L FAIRCHILD-FDD8444L Datasheet
282Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDS8896 FAIRCHILD-FDS8896_07 Datasheet
622Kb / 12P
   N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com