Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

FDS6574A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDS6574A
Description  20V N-Channel PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6574A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDS6574A Datasheet HTML 1Page - Fairchild Semiconductor FDS6574A Datasheet HTML 2Page - Fairchild Semiconductor FDS6574A Datasheet HTML 3Page - Fairchild Semiconductor FDS6574A Datasheet HTML 4Page - Fairchild Semiconductor FDS6574A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FDS6574A Rev B2(W)
Electrical Characteristics
TA = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V,
ID = 250 µA
20
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
10
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 16 V,
VGS = 0 V
1
µA
IGSSF
Gate–Body Leakage, Forward
VGS = 8 V,
VDS = 0 V
100
nA
IGSSR
Gate–Body Leakage, Reverse
VGS = –8 V
VDS = 0 V
–100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS,
ID = 250 µA
0.4
0.6
1.5
V
∆VGS(th)
∆TJ
Gate Threshold Voltage
Temperature Coefficient
ID = 250 µA, Referenced to 25°C
–2.7
mV/°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = 4.5 V,
ID = 16 A
VGS = 2.5 V,
ID = 15 A
VGS = 1.8 V,
ID = 13 A
VGS = 4.5 V, ID = 16 A,TJ=125°C
4
4.4
5
5.3
6
7
9
9
mΩ
ID(on)
On–State Drain Current
VGS = 4.5 V,
VDS = 5 V
40
A
gFS
Forward Transconductance
VDS = 5 V,
ID = 16 A
115
S
Dynamic Characteristics
Ciss
Input Capacitance
7657
pF
Coss
Output Capacitance
1432
pF
Crss
Reverse Transfer Capacitance
VDS = 10V,
V GS = 0 V,
f = 1.0 MHz
775
pF
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
19.5
35
ns
tr
Turn–On Rise Time
22
36
ns
td(off)
Turn–Off Delay Time
173
277
ns
tf
Turn–Off Fall Time
VDD = 10 V,
ID = 1 A,
VGS = 4.5 V, RGEN = 6 Ω
82
131
ns
Qg
Total Gate Charge
75
105
nC
Qgs
Gate–Source Charge
9
nC
Qgd
Gate–Drain Charge
VDS = 10 V,
ID = 16 A,
VGS = 4.5 V
17
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
2.1
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V, IS = 2.1 A
(Note 2)
0.56
1.2
V
Notes:
1.
RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design.
a) 50°C/W when
mounted on a 1in2
pad of 2 oz copper
b) 105°C/W when
mounted on a .04 in2
pad of 2 oz copper
c) 125°C/W when mounted on a
minimum pad.
Scale 1 : 1 on letter size paper
2.
Pulse Test: Pulse Width < 300µs, Duty Cycle < 2.0%


Similar Part No. - FDS6574A

ManufacturerPart #DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
FDS6574A FAIRCHILD-FDS6574A Datasheet
90Kb / 5P
   20V N-Channel PowerTrench MOSFET
More results

Similar Description - FDS6574A

ManufacturerPart #DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
FDD3706 FAIRCHILD-FDD3706 Datasheet
113Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDN371N FAIRCHILD-FDN371N Datasheet
84Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDD6530A FAIRCHILD-FDD6530A Datasheet
82Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDS6574A FAIRCHILD-FDS6574A Datasheet
90Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDD6512A FAIRCHILD-FDD6512A Datasheet
74Kb / 5P
   20V N-Channel PowerTrench MOSFET
SI6426DQ FAIRCHILD-SI6426DQ Datasheet
164Kb / 5P
   20V N-Channel PowerTrench MOSFET
SI6466DQ FAIRCHILD-SI6466DQ Datasheet
161Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDG327N FAIRCHILD-FDG327N Datasheet
79Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDS6162N3 FAIRCHILD-FDS6162N3 Datasheet
189Kb / 6P
   20V N-Channel PowerTrench MOSFET
FDS6572A FAIRCHILD-FDS6572A Datasheet
75Kb / 5P
   20V N-Channel PowerTrench MOSFET
More results


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com